Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F016-90EIB Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM29F016-90EIB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-90EIB Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29F016-90EIB Datasheet HTML 4Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 5Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 6Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 7Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 8Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 9Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 10Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 11Page - Advanced Micro Devices AM29F016-90EIB Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
Am29F016
Table 1.
Am29F016 User Bus Operations
Legend:
L = logic 0, H = logic 1, X = Don’t Care. See DC Characteristics for voltage levels.
Notes:
1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to Table 5.
2. Refer to the section on Sector Group Protection.
Read Mode
The Am29F016 has two control functions which must
be satisfied in order to obtain data at the outputs. CE is
the power control and should be used for device selec-
tion. OE is the output control and should be used to
gate data to the output pins if the device is selected.
Address access time (tACC) is equal to the delay from
stable addresses to valid output data. The chip
enable access time (tCE) is the delay from stable
addresses and stable CE to valid data at the output
pins. The output enable access time is the delay from
the falling edge of OE to valid data at the output pins
(assuming the addresses have been stable for at
least tACC–tOE time).
Standby Mode
There are two ways to implement the standby mode on
the Am29F016 device, one using both the CE and
RESET pins; the other via the RESET pin only.
When using both pins, a CMOS standby mode is
achieved with CE and RESET inputs both held at VCC
± 0.3 V. Under this condition the current is typically
reduced to less than 1
µA. A TTL standby mode is
achieved with CE and RESET pins held at VIH. Under
this condition the current is typically reduced to 200
µA.
The device can be read with standard access time (tCE)
from either of these standby modes.
When using the RESET pin only, a CMOS standby
mode is achieved with RESET input held at VSS ± 0.3 V
(CE = don’t care). Under this condition the current is typ-
ically reduced to less than 1
µA. A TTL standby mode is
achieved with RESET pin held at VIL (CE = don’t care).
Under this condition the current is typically reduced to
less than 200
µA. Once the RESET pin is taken high,
the device requires 50 ns of wake up time before out-
puts are valid for read access.
In the standby mode the outputs are in the high imped-
ance state, independent of the OE input.
Output Disable
With the OE input at a logic high level (VIH), output from
the device is disabled. This will cause the output pins to
be in a high impedance state.
Operation
CE
OE
WE
A0
A1
A6
A9
DQ0
DQ7
RESET
Autoselect, AMD Manuf. Code (1)
L
L
H
L
L
L
VID
Code
H
Autoselect Device Code (1)
L
L
H
H
L
L
VID
Code
H
Read
L
L
X
A0
A1
A6
A9
DOUT
H
Standby
H
X
X
X
X
X
X
HIGH Z
H
Output Disable
L
H
H
XXX
X
HIGH Z
H
Write
L
H
L
A0
A1
A6
A9
DIN
H
Enable Sector Group Protect (2)
L
VID
L
XXX
VID
XH
Verify Sector Group Protect (2)
L
L
H
L
H
L
VID
Code
H
Temporary Sector Group Unprotect
X
X
X
X
X
X
X
X
VID
Hardware Reset/Standby
XXX
XXX
X
HIGH Z
L


Similar Part No. - AM29F016-90EIB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F016B AMD-AM29F016B Datasheet
477Kb / 38P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016B-1 AMD-AM29F016B-1 Datasheet
190Kb / 8P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016B-120DGC1 AMD-AM29F016B-120DGC1 Datasheet
190Kb / 8P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016B-120DGI1 AMD-AM29F016B-120DGI1 Datasheet
190Kb / 8P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016B-120DPC1 AMD-AM29F016B-120DPC1 Datasheet
190Kb / 8P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
More results

Similar Description - AM29F016-90EIB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F400AT AMD-AM29F400AT Datasheet
136Kb / 35P
   4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Hynix Semiconductor
HY29F040A HYNIX-HY29F040A Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
logo
Advanced Micro Devices
AM29F016D AMD-AM29F016D_02 Datasheet
252Kb / 12P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016B-1 AMD-AM29F016B-1 Datasheet
190Kb / 8P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F017B AMD-AM29F017B Datasheet
443Kb / 35P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F017D AMD-AM29F017D Datasheet
797Kb / 41P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D AMD-AM29F016D Datasheet
1Mb / 45P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV081B AMD-AM29LV081B Datasheet
39Kb / 6P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com