Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDA072X-3A0G Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PDA072X-3A0G
Description  72W Constant Current LED Driver PDA072 Series for Outdoor Lighting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA072X-3A0G Datasheet(HTML) 1 Page - Phihong USA Inc.

  PDA072X-3A0G Datasheet HTML 1Page - Phihong USA Inc. PDA072X-3A0G Datasheet HTML 2Page - Phihong USA Inc. PDA072X-3A0G Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised 11/8/2013
WWW.PHIHONG.COM
72W Constant Current LED Driver
PDA072 Series for Outdoor Lighting
Features
 High Efficiency
 IP67 - waterproof, Potted
 UL8750 Compliant
 120V-277VAC Rated Operation
 5 Year Warranty
 Brownout/Brownout Recovery
 OVP, Short and Open Circuit Protection
 Wide Operating Temperature Range
Applications
 General Lighting
 Outdoor Lighting
 Street Lighting
 Architectural Lighting
Safety Approvals
 CE
 cUL/UL
Mechanical Characteristics
 Length: 242mm (9.5in)
 Height: 30.5mm (1.2in)
 Width: 43.5mm (1.7in)
 Weight: 750g (1.65lbs)
Output Specifications
Note (1): X is B for non-dimming or W for 0-10V Dimming
Note (2): Output power drops to 65W maximum when input is 90-100VAC
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the
most up-to-date specifications and contact information.
Model
(1)
DC Output Voltage
Output
Current
Output
Power
(2)
Min.
Typ.
Max.
PDA072X-3A0G
18V
-
24V
3A
72W


Similar Part No. - PDA072X-3A0G

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA072X-3A0G PHIHONG-PDA072X-3A0G Datasheet
154Kb / 3P
   72W Constant Current LED Driver Outdoor Lighting
More results

Similar Description - PDA072X-3A0G

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA072B-24VG-R PHIHONG-PDA072B-24VG-R Datasheet
154Kb / 3P
   72W Constant Voltage LED Driver PDA072 Series for Outdoor Lighting
PDA072X-3A0G PHIHONG-PDA072X-3A0G Datasheet
154Kb / 3P
   72W Constant Current LED Driver Outdoor Lighting
PDA072X-24VG PHIHONG-PDA072X-24VG Datasheet
154Kb / 3P
   72W Constant Voltage LED Driver Outdoor Lighting
PDA080X-700G PHIHONG-PDA080X-700G Datasheet
156Kb / 3P
   80W Constant Current LED Driver Outdoor Lighting
PDA125W-1A4F PHIHONG-PDA125W-1A4F Datasheet
152Kb / 3P
   125W Constant Current LED Driver PDA125 Series for Outdoor Lighting
PDA125W-2A0F PHIHONG-PDA125W-2A0F Datasheet
152Kb / 3P
   125W Constant Current LED Driver PDA125 Series for Outdoor Lighting
PDA080W-1A6G-R PHIHONG-PDA080W-1A6G-R Datasheet
156Kb / 3P
   80W Constant Current LED Driver PDA080 Series for Outdoor Lighting
PDA125X-700F PHIHONG-PDA125X-700F Datasheet
154Kb / 3P
   125W Constant Current LED Driver PDA125 Series for Outdoor Lighting
PDA080B-1A0G PHIHONG-PDA080B-1A0G Datasheet
156Kb / 3P
   80W Constant Current LED Driver PDA080 Series for Outdoor Lighting
PDA080X-48VG PHIHONG-PDA080X-48VG Datasheet
156Kb / 3P
   80W Constant Voltage LED Driver Outdoor Lighting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com