Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2982AIM5-5.3 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2982AIM5-5.3
Description  Micropower 50 mA Ultra Low-Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2982AIM5-5.3 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP2982AIM5-5.3 Datasheet HTML 3Page - National Semiconductor (TI) LP2982AIM5-5.3 Datasheet HTML 4Page - National Semiconductor (TI) LP2982AIM5-5.3 Datasheet HTML 5Page - National Semiconductor (TI) LP2982AIM5-5.3 Datasheet HTML 6Page - National Semiconductor (TI) LP2982AIM5-5.3 Datasheet HTML 7Page - National Semiconductor (TI) LP2982AIM5-5.3 Datasheet HTML 8Page - National Semiconductor (TI) LP2982AIM5-5.3 Datasheet HTML 9Page - National Semiconductor (TI) LP2982AIM5-5.3 Datasheet HTML 10Page - National Semiconductor (TI) LP2982AIM5-5.3 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, VIN =VO(NOM) + 1V,
COUT = 4.7 µF, CIN = 1 µF, all voltage options, ON/OFF pin tied to VIN. (Continued)
Output Voltage vs
Temparature
DS012679-6
Dropout Characteristics
DS012679-7
Dropout Characteristics
DS012679-8
Dropout Characteristics
DS012679-9
Dropout Voltage vs
Temperature
DS012679-10
Dropout Voltage vs
Load Current
DS012679-11
www.national.com
7


Similar Part No. - LP2982AIM5-5.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2982AIM5-5.0 TI1-LP2982AIM5-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower Ultra-Low-Dropout LDO in SOT-23 Package
LP2982AIM5-5.0/NOPB TI1-LP2982AIM5-5.0/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Micropower Ultra-Low-Dropout LDO in SOT-23 Package
More results

Similar Description - LP2982AIM5-5.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com