Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGM1011 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BGM1011
Description  MMIC wideband amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGM1011 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BGM1011 Datasheet HTML 2Page - NXP Semiconductors BGM1011 Datasheet HTML 3Page - NXP Semiconductors BGM1011 Datasheet HTML 4Page - NXP Semiconductors BGM1011 Datasheet HTML 5Page - NXP Semiconductors BGM1011 Datasheet HTML 6Page - NXP Semiconductors BGM1011 Datasheet HTML 7Page - NXP Semiconductors BGM1011 Datasheet HTML 8Page - NXP Semiconductors BGM1011 Datasheet HTML 9Page - NXP Semiconductors BGM1011 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2002 Jan 14
6
Philips Semiconductors
Preliminary specification
MMIC wideband amplifier
BGM1011
-50
-40
-30
-20
-10
0
0
1000
2000
3000
f (MHz)
|s12|
2
(dB)
Fig.5
Isolation (|s12|2) as a function of frequency;
typical values.
IS =25.5 mA; VS = 5.0 V; PD =
−35 dBm; ZO =50 Ω.
20
25
30
35
40
0
1000
2000
3000
f (MHz)
|s21|
2
(dB)
(1)
(2)
(3)
Fig.6
Insertion gain (|s21|2) as a function of
frequency; typical values.
PD =
−35 dBm; ZO =50 Ω.
(1) IS = 19.5 mA; VS=4.5 V
(2) IS = 25.5 mA; VS=5.0 V
(3) IS = 29.8 mA; VS=5.5 V
0
5
10
15
20
-30
-25
-20
-15
-10
-5
0
P
D (dBm)
P
L
(dBm)
(1)
(3)
(2)
Fig.7
Load power as a function of drive power at
1 GHz; typical values.
f = 1 GHz; ZO =50
Ω.
(1) VS=4.5 V
(2) VS=5.0 V
(3) VS=5.5 V
-5
0
5
10
15
-40
-35
-30
-25
-20
-15
-10
-5
0
P
D (dBm)
P
L
(dBm)
(1)
(2)
(3)
Fig.8
Load power as a function of drive power at
2.2 GHz; typical values.
f=2.2 GHz; ZO =50
Ω.
(1) VS=4.5 V
(2) VS=5.0 V
(3) VS=5.5 V


Similar Part No. - BGM1011

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGM1011 NXP-BGM1011 Datasheet
131Kb / 11P
   MMIC wideband amplifier
2002 Jan 14
More results

Similar Description - BGM1011

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2712 PHILIPS-BGA2712 Datasheet
83Kb / 12P
   MMIC wideband amplifier
2002 Sep 10
BGA2717 PHILIPS-BGA2717 Datasheet
86Kb / 14P
   MMIC wideband amplifier
Rev. 02-24 September 2004
BGM1012 PHILIPS-BGM1012 Datasheet
87Kb / 12P
   MMIC wideband amplifier
2002 Sep 06
BGA2850 NXP-BGA2850 Datasheet
560Kb / 18P
   MMIC wideband amplifier
Rev. 1-17 August 2010
BGA2816 NXP-BGA2816 Datasheet
249Kb / 18P
   MMIC wideband amplifier
Rev. 5-13 July 2015
BGA2714 PHILIPS-BGA2714 Datasheet
93Kb / 15P
   MMIC wideband amplifier
Rev. 01-24 May 2007
BGA2801 NXP-BGA2801 Datasheet
552Kb / 18P
   MMIC wideband amplifier
Rev. 1-17 August 2010
BGA2714 NXP-BGA2714 Datasheet
100Kb / 15P
   MMIC wideband amplifier
Rev. 01-24 May 2007
BGA2709 PHILIPS-BGA2709 Datasheet
86Kb / 12P
   MMIC wideband amplifier
2002 Aug 06
BGA2715 PHILIPS-BGA2715 Datasheet
88Kb / 14P
   MMIC wideband amplifier
Rev. 02-24 September 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com