Electronic Components Datasheet Search |
|
C320C473JDR5HA7301 Datasheet(PDF) 9 Page - Kemet Corporation |
|
C320C473JDR5HA7301 Datasheet(HTML) 9 Page - Kemet Corporation |
9 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1055_HV_GOLDMAX_300_X7R • 11/29/2016 9 Radial Leaded Multilayer Ceramic Capacitors High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade) Table 1D – C33X Style/Size, Capacitance Range Waterfall *Capacitorissuppliedwitha"Shoulder-Bend"leadconfigurationinStyle/SizeC330andC331. C330, C331, C333, C335, C336, Style/Size (0.200" and 0.250" Lead Spacing) Rated Voltage (VDC) 500 630 1000 1500 2000 2500 3000 Voltage Code C B D F G Z H Capacitance Capacitance Tolerance Capacitance Code (Available Capacitance) 10pF J = ±5% K = ±10% M = ±20% 100* 100* 100* 100* 100* 100 100 12pF 120* 120* 120* 120* 120* 120 120 15pF 150* 150* 150* 150* 150* 150 150 18pF 180* 180* 180* 180* 180* 180 180 22pF 220* 220* 220* 220* 220* 220 220 27pF 270* 270* 270* 270* 270* 270 270 33pF 330* 330* 330* 330* 330* 330 330 39pF 390* 390* 390* 390* 390* 390 390 47pF 470* 470* 470* 470* 470* 470 470 56pF 560* 560* 560* 560* 560* 560 560 68pF 680* 680* 680* 680* 680* 680 680 82pF 820* 820* 820* 820* 820* 820 820 100pF 101* 101* 101* 101* 101* 101 101 120pF 121* 121* 121* 121* 121* 121 121 150pF 151* 151* 151* 151* 151* 151 151 180pF 181* 181* 181* 181* 181* 181 181 220pF 221* 221* 221* 221* 221* 221 221 270pF 271* 271* 271* 271* 271* 271 271 330pF 331* 331* 331* 331* 331* 331 331 390pF 391* 391* 391* 391* 391* 391 391 470pF 471* 471* 471* 471* 471* 471 471 560pF 561* 561* 561* 561* 561* 561 561 680pF 681* 681* 681* 681* 681* 681 681 820pF 821* 821* 821* 821* 821* 821 821 1000pF 102* 102* 102* 102* 102* 102 102 1200pF 122* 122* 122* 122* 122* 122 122 1500pF 152* 152* 152* 152* 152* 152 152 1800pF 182* 182* 182* 182* 182* 182 182 2200pF 222* 222* 222* 222* 222* 222 222 2700pF 272* 272* 272* 272* 272* 272 272 3300pF 332* 332* 332* 332* 332* 332 332 3900pF 392* 392* 392* 392* 392* 392 392 4700pF 472* 472* 472* 472* 472* 472 472 5600pF 562* 562* 562* 562* 562* 562 562 6800pF 682* 682* 682* 682* 682* 682 682 8200pF 822* 822* 822* 822* 822 822 822 0.01µF 103* 103* 103* 103* 103 103 103 0.012µF 123* 123* 123* 123* 123 123 123 0.015µF 153* 153* 153* 153* 153 0.018µF 183* 183* 183* 183* 183 0.022µF 223* 223* 223* 223* 0.027µF 273* 273* 273* 273* 0.033µF 333* 333* 333* 333* 0.039µF 393* 393* 393* 393* 0.047µF 473* 473* 473* 473 0.056µF 563* 563* 563* 563 0.068µF 683* 683* 683* 683 0.082µF 823* 823* 823 0.1µF 104* 104* 104 0.12µF 124* 124 124 0.15µF 154* 154 154 0.18µF 184 184 0.22µF 224 224 0.27µF 274 274 0.33µF 334 334 0.39µF 394 Rated Voltage (VDC) 500 630 1000 1500 2000 2500 3000 Voltage Code C B D F G Z H |
Similar Part No. - C320C473JDR5HA7301 |
|
Similar Description - C320C473JDR5HA7301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |