Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FVT50A Datasheet(PDF) 6 Page - Vishay Siliconix

Part # FVT50A
Description  Wirewound Resistor, Industrial Power, Vitreous Coated, Fixed Tubular
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FVT50A Datasheet(HTML) 6 Page - Vishay Siliconix

  FVT50A Datasheet HTML 1Page - Vishay Siliconix FVT50A Datasheet HTML 2Page - Vishay Siliconix FVT50A Datasheet HTML 3Page - Vishay Siliconix FVT50A Datasheet HTML 4Page - Vishay Siliconix FVT50A Datasheet HTML 5Page - Vishay Siliconix FVT50A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 13-Jun-16
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of
typical requirements that are often placed on Vishay products in generic applications. Such statements are not binding
statements about the suitability of products for a particular application. It is the customer’s responsibility to validate that a
particular product with the properties described in the product specification is suitable for use in a particular application.
Parameters provided in datasheets and / or specifications may vary in different applications and performance may vary over
time. All operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk.
Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for
such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document
or by any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - FVT50A

ManufacturerPart #DatasheetDescription
logo
RFE international
FVT RFE-FVT Datasheet
451Kb / 2P
   STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
logo
Level One
FVT-0103TXFC LVL1-FVT-0103TXFC Datasheet
386Kb / 3P
   10/100BASE-TX to 100BASE-FX MMF SC PoE PD Converter, 2km
FVT-0104TXFC LVL1-FVT-0104TXFC Datasheet
382Kb / 3P
   10/100BASE-TX to 100BASE-FX SMF SC PoE PD Converter, 20km
FVT-0203TFC LVL1-FVT-0203TFC Datasheet
217Kb / 1P
   100TX to 100FX-SC Converter w/POE Injector
FVT-0203TXFC LVL1-FVT-0203TXFC Datasheet
217Kb / 1P
   100TX to 100FX-SC Converter w/POE Injector
More results

Similar Description - FVT50A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FVTL VISHAY-FVTL Datasheet
200Kb / 4P
   Wirewound Resistor, Industrial Power, Vitreous Coated, Tubular
Revision: 18-Aug-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
Revision: 03-Jun-16
FST VISHAY-FST Datasheet
154Kb / 6P
   Wirewound Resistor, Industrial Power, Silicone Coated, Fixed Tubular
AVE VISHAY-AVE Datasheet
176Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
Revision: 03-Jun-16
FSTL VISHAY-FSTL Datasheet
188Kb / 4P
   Wirewound Resistor, Industrial Power, Silicone Coated, Tubular
FVOT VISHAY-FVOT Datasheet
98Kb / 3P
   Wirewound Resistor, Industrial Power, Vitreous Coated, Miniature Flat
Revision: 13-Oct-16
FSE VISHAY-FSE Datasheet
168Kb / 5P
   Wirewound Resistors, Industrial Power, Silicone Coated, Fixed Edgewound Tubular
Revision: 06-Dec-16
logo
Riedon Powertron
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
   Vitreous Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
1600 WELWYN-1600 Datasheet
335Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com