Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FVT50A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FVT50A
Description  Wirewound Resistor, Industrial Power, Vitreous Coated, Fixed Tubular
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FVT50A Datasheet(HTML) 3 Page - Vishay Siliconix

  FVT50A Datasheet HTML 1Page - Vishay Siliconix FVT50A Datasheet HTML 2Page - Vishay Siliconix FVT50A Datasheet HTML 3Page - Vishay Siliconix FVT50A Datasheet HTML 4Page - Vishay Siliconix FVT50A Datasheet HTML 5Page - Vishay Siliconix FVT50A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FVT
www.vishay.com
Vishay Huntington
Revision: 03-Jun-16
3
Document Number: 31838
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
MODEL
A
MAX.
CORE DIMENSIONS
TERMINAL
SETBACK
± 0.031
(0.79)
DISTANCE
CENTER TO
CENTER
(REF.)
TERMINAL DESIGNATION
LENGTH
O.D.
± 0.031
(0.79)
I.D.
± 0.031
(0.79)
STANDARD
OPTIONAL
(QUICK
CONNECT)
FVT005
0.406
(10.31)
1.000
(25.40)
0.313
(7.95)
0.188
(4.78)
0.094
(2.39)
0.625
(15.88)
05
14
FVT010
0.406
(10.31)
1.750
(44.45)
0.313
(7.95)
0.188
(4.78)
0.094
(2.39)
1.375
(34.93)
05
14
FVT020
0.563
(14.30)
2.000
(50.8)
0.438
(11.13)
0.260
(6.60)
0.094
(2.39)
1.625
(41.28)
02
14
FVT20A
0.563
(14.30)
1.500
(38.10)
0.438
(11.11)
0.313
(7.94)
0.094
(2.38)
0.937
(23.80)
02
14
FVT025
0.688
(17.48)
2.000
(50.8)
0.563
(14.30)
0.313
(7.95)
0.094
(2.39)
1.562
(39.67)
06
15
FVT25A
0.906
(23.01)
2.000
(50.8)
0.750
(19.05)
0.500
(12.70)
0.094
(2.39)
1.562
(39.67)
06
15
FVT25B
0.770
(19.56)
2.000
(50.8)
0.625
(15.88)
0.453
(11.51)
0.094
(2.39)
1.562
(39.67)
06
15
FVT050
0.688
(17.48)
4.000
(101.6)
0.563
(14.30)
0.313
(7.95)
0.094
(2.39)
3.562
(90.47)
06
15
FVT50A
0.906
(23.01)
4.000
(101.6)
0.750
(19.05)
0.500
(12.70)
0.062
(1.57)
3.626
(92.10)
06
15
FVT50B
0.906
(23.01)
4.500
(114.3)
0.750
(19.05)
0.547
(13.89)
0.125
(3.18)
4.000
(101.60)
06
15
FVT075
0.688
(17.48)
6.000
(152.4)
0.563
(14.30)
0.313
(7.95)
0.094
(2.39)
5.562
(141.27)
06
15
FVT75A
0.906
(23.01)
6.000
(152.4)
0.750
(19.05)
0.500
(12.70)
0.094
(2.39)
5.562
(141.27)
06
15
FVT080
1.313
(33.34)
4.000
(101.6)
1.125
(28.58)
0.750
(19.05)
0.219
(5.56)
2.812
(71.42)
20
15
FVT100
0.906
(23.01)
6.500
(165.1)
0.750
(19.05)
0.500
(12.70)
0.125
(3.18)
6.000
(152.40)
06
15
FVT130
1.313
(33.35)
6.500
(165.1)
1.125
(28.58)
0.750
(19.05)
0.282
(7.16)
5.374
(136.50)
20
15
FVT160
1.313
(33.35)
8.500
(215.9)
1.125
(28.58)
0.750
(19.05)
0.267
(6.78)
7.404
(188.06)
20
15
FVT175
1.313
(33.34)
8.500
(215.9)
1.125
(28.58)
0.750
(19.05)
0.219
(5.56)
7.312
(185.72)
20
15
FVT200
FVT225
1.313
(33.35)
10.500
(266.7)
1.125
(28.58)
0.750
(19.05)
0.266
(6.76)
9.406
(238.91)
20
15
TERMINAL DIMENSIONS in inches (millimeters)
DIMENSIONS
TERMINAL STYLE
20
02
05
06
14
15
WIDTH A
0.375
(9.53)
0.188
(4.76)
0.188
(4.76)
0.250
(6.35)
0.188
(4.76)
0.250
(6.35)
HEIGHT B
0.562
(14.07)
0.393
(9.98)
0.393
(9.98)
0.500
(12.70)
0.563
(14.29)
0.594
(15.08)
DIAMETER C
0.204
(5.18)
0.133
(3.38)
0.133
(3.38)
0.172
(4.36)
0.050
(1.27)
0.065
(1.65)
THICKNESS D
0.020
(0.51)
0.020
(0.51)
0.020
(0.51)
0.020
(0.51)
0.020
(0.51)
0.031
(0.79)
A
O.D.
I.D.
LENGTH
TERMINAL SETBACK
DISTANCE CENTER TO CENTER
D
Styles 14 and 15
B
A
C
B
D
C
A
Style 02, 05, 06,
and 20


Similar Part No. - FVT50A

ManufacturerPart #DatasheetDescription
logo
RFE international
FVT RFE-FVT Datasheet
451Kb / 2P
   STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
logo
Level One
FVT-0103TXFC LVL1-FVT-0103TXFC Datasheet
386Kb / 3P
   10/100BASE-TX to 100BASE-FX MMF SC PoE PD Converter, 2km
FVT-0104TXFC LVL1-FVT-0104TXFC Datasheet
382Kb / 3P
   10/100BASE-TX to 100BASE-FX SMF SC PoE PD Converter, 20km
FVT-0203TFC LVL1-FVT-0203TFC Datasheet
217Kb / 1P
   100TX to 100FX-SC Converter w/POE Injector
FVT-0203TXFC LVL1-FVT-0203TXFC Datasheet
217Kb / 1P
   100TX to 100FX-SC Converter w/POE Injector
More results

Similar Description - FVT50A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FVTL VISHAY-FVTL Datasheet
200Kb / 4P
   Wirewound Resistor, Industrial Power, Vitreous Coated, Tubular
Revision: 18-Aug-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
Revision: 03-Jun-16
FST VISHAY-FST Datasheet
154Kb / 6P
   Wirewound Resistor, Industrial Power, Silicone Coated, Fixed Tubular
AVE VISHAY-AVE Datasheet
176Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
Revision: 03-Jun-16
FSTL VISHAY-FSTL Datasheet
188Kb / 4P
   Wirewound Resistor, Industrial Power, Silicone Coated, Tubular
FVOT VISHAY-FVOT Datasheet
98Kb / 3P
   Wirewound Resistor, Industrial Power, Vitreous Coated, Miniature Flat
Revision: 13-Oct-16
FSE VISHAY-FSE Datasheet
168Kb / 5P
   Wirewound Resistors, Industrial Power, Silicone Coated, Fixed Edgewound Tubular
Revision: 06-Dec-16
logo
Riedon Powertron
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
   Vitreous Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
1600 WELWYN-1600 Datasheet
335Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com