Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAC05A-050L6B Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSAC05A-050L6B
Description  5W Low Cost Linear Eliminator PSAC05 Adapters Meets Level VI Requirements
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAC05A-050L6B Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSAC05A-050L6B Datasheet HTML 1Page - Phihong USA Inc. PSAC05A-050L6B Datasheet HTML 2Page - Phihong USA Inc. PSAC05A-050L6B Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PSAC05A-050L6 Characteristics
WWW.PHIHONG.COM
Input:
AC Input Voltage Rating
100 to 240V AC
AC Input Voltage Range
90 to 264V AC
AC Input Frequency
47 to 63Hz
Input Current
0.15A (RMS) maximum
Leakage Current
250uA maximum
Inrush Current
40A @115Vac/60Hz & Max load
60A @230Vac/50Hz & Max load
(Cold start at ambient 25°C)
Output:
Efficiency
DOE Level VI
Environmental:
Temperature
Operation
0 to +40°C
Non-operation
-20 to +70°C
Humidity
0 to 90%
Emissions
FCC Class B
EN55022 Class B
Immunity
EN 61000-4-2 Level 4, Contact ±8kV. Air ±
15kV
EN 61000-4-5 Level 3, 1kV line to neutral,
Criteria B
Over-Voltage Protection
7.5V DC maximum
Over-Current Protection
2A maximum
Short-Circuit Protection
Output can be shorted permanently without damage
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000V AC for 1 min., 10mA
Pri. to Sec. 3300Vac, 10mA for 3 Sec for production
testing
DC Output Connector
L6 Model – Barrel
L6M Model - Micro USB
L6B Model - Mini USB


Similar Part No. - PSAC05A-050L6B

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC05R-050 PHIHONG-PSAC05R-050 Datasheet
138Kb / 3P
   5W Interchangeable Plug Series
PSAC05R-050L6 PHIHONG-PSAC05R-050L6 Datasheet
191Kb / 3P
   5 Watt Interchangeable Plug Series PSAC05R Adapter
PSAC05R-050L6B PHIHONG-PSAC05R-050L6B Datasheet
191Kb / 3P
   5 Watt Interchangeable Plug Series PSAC05R Adapter
PSAC05R-050L6M PHIHONG-PSAC05R-050L6M Datasheet
191Kb / 3P
   5 Watt Interchangeable Plug Series PSAC05R Adapter
More results

Similar Description - PSAC05A-050L6B

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA05A-050 PHIHONG-PSAA05A-050 Datasheet
261Kb / 3P
   5W Low Cost Linear Eliminator
PSAA06A-120L6 PHIHONG-PSAA06A-120L6 Datasheet
1Mb / 2P
   6W Adapter Meets Level VI Requirements
PSS-18A-033 PHIHONG-PSS-18A-033 Datasheet
531Kb / 2P
   18 Watt - Low Cost Linear Eliminator
PSC15A-050S PHIHONG-PSC15A-050S Datasheet
126Kb / 2P
   15 Watt - Low Cost Linear Eliminator
PSC10A-050S PHIHONG-PSC10A-050S Datasheet
124Kb / 2P
   10 Watt - Low Cost Linear Eliminator
PSAA12A-120L6 PHIHONG-PSAA12A-120L6 Datasheet
125Kb / 3P
   12W Wall Plug Adapter PSAA12A-120L6 Adapter Meets Level VI Requirements
PSM10R-050A PHIHONG-PSM10R-050A Datasheet
652Kb / 3P
   10Watt Interchangeable Plug Series PSM10R Series meets Level VI Efficiency Requirements
PSAC18A-120L6 PHIHONG-PSAC18A-120L6 Datasheet
1Mb / 2P
   18 Watt Fixed Wall Plug Series Adapter Meets Level VI Requirements
PSC15R-075 PHIHONG-PSC15R-075 Datasheet
426Kb / 2P
   15W Interchangeable Plug Series PSC15R Adapter Series Meets Level VI requirements
PSM10A-050A PHIHONG-PSM10A-050A Datasheet
7Mb / 2P
   10 Watt Fixed Wall Plug Series Adapter Meets Level VI Requirements
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com