Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAC05R-050L6 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSAC05R-050L6
Description  5 Watt Interchangeable Plug Series PSAC05R Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAC05R-050L6 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSAC05R-050L6 Datasheet HTML 1Page - Phihong USA Inc. PSAC05R-050L6 Datasheet HTML 2Page - Phihong USA Inc. PSAC05R-050L6 Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revision 8/21/2015
WWW.PHIHONG.COM
5 Watt Interchangeable Plug Series PSAC05R Adapter
Features
 Double Insulated
 Low Leakage Current
 Field Changeable AC Plugs
 Low Cost
 Efficiency Level VI Compliance
 Class B EMI
Applications
 MPEG Players
 Personal Electronics
 PDA
 Digital Camera
Safety Approvals
 cUL/UL
 CE
 TUV
 NOM
 CB
Mechanical Characteristics
 Length: 71.7mm (2.82in)
 Height: 29.79mm (1.17in)
 Width: 45mm (1.77in)
 Weight: 120g (4.2oz)
Output Specifications
(1) PSAC05R-050 has 2.1 x 5.5 x 9.5mm center positive output connector.
(2) PSAC05R-050L6M has Micro-B plug.
(3) PSAC05R-050L6B has Mini-B plug.
Interchangeable clips sold separately
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for the most
up-to-date specifications and contact information.
Model
DC
Output Voltage
Load
Efficiency
Min.
Max.
Level
PSAC05R-050L6
(1)
5V
0A
1.0A
PSAC05R-050L6M
(2)
5V
0A
1.0A
PSAC05R-050L6B
(3)
5V
0A
1.0A


Similar Part No. - PSAC05R-050L6

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC05R-050 PHIHONG-PSAC05R-050 Datasheet
138Kb / 3P
   5W Interchangeable Plug Series
More results

Similar Description - PSAC05R-050L6

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA03F-050Q1 PHIHONG-PSA03F-050Q1 Datasheet
225Kb / 3P
   2.75 Watt F-Series Interchangeable Plug Adapter
PSA05F-050QAL6 PHIHONG-PSA05F-050QAL6_17 Datasheet
128Kb / 3P
   5 Watt F-Series Adapter with Interchangeable AC Clips
PSAC12R-050 PHIHONG-PSAC12R-050 Datasheet
141Kb / 3P
   12 Watt Interchangeable Plug Series
PSA15R-050P PHIHONG-PSA15R-050P Datasheet
169Kb / 2P
   15 WATT INTERCHANGEABLE PLUG SERIES
PSA15R-V PHIHONG-PSA15R-V Datasheet
92Kb / 2P
   15 Watt Interchangeable Plug Series
PSC15R-050 PHIHONG-PSC15R-050 Datasheet
180Kb / 3P
   15 Watt Interchangeable Plug Series
PSC20R-120 PHIHONG-PSC20R-120 Datasheet
143Kb / 2P
   20-WATT INTERCHANGEABLE PLUG SERIES
PSA-30R-033 PHIHONG-PSA-30R-033 Datasheet
126Kb / 3P
   30 Watt Interchangeable Plug Series
PSAA20R-050L6 PHIHONG-PSAA20R-050L6 Datasheet
129Kb / 3P
   20 Watt Interchangeable Plug Series
PSAA20R-120L6 PHIHONG-PSAA20R-120L6 Datasheet
281Kb / 3P
   20 Watt Interchangeable Plug Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com