Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24204 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ24204
Description  SINGLE CHIP U-I ONAND LI-POL CHARGE MANAGEMENT IC FOR CURRENT LIMITED APPLICATIONS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24204 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24204 Datasheet HTML 1Page - Texas Instruments BQ24204 Datasheet HTML 2Page - Texas Instruments BQ24204 Datasheet HTML 3Page - Texas Instruments BQ24204 Datasheet HTML 4Page - Texas Instruments BQ24204 Datasheet HTML 5Page - Texas Instruments BQ24204 Datasheet HTML 6Page - Texas Instruments BQ24204 Datasheet HTML 7Page - Texas Instruments BQ24204 Datasheet HTML 8Page - Texas Instruments BQ24204 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
bq24200, bq24201, bq24202
bq24203, bq24204, bq24205
SLUS501A – OCTOBER 2001
2
www.ti.com
AVAILABLE OPTIONS
TJ
CHARGE
REGULATION
VOLTAGE
OPTIONAL
FUNCTIONS
MARKING
PACKAGED
DEVICES
(DGN)
4.2 V
STAT and TS
AZC
bq24200DGN
4.1 V
STAT and TS
AZD
bq24201DGN
40
_C to 125_C
4.2 V
STAT
AZE
bq24202DGN
–40
_C to 125_C
4.1 V
STAT
AZF
bq24203DGN
4.2 V
AZG
bq24204DGN
4.1 V
AZI
bq24205DGN
† The DGN package is available taped and reeled. Add TR suffix to device type (e.g. bq24200DGNTR) to order. Quantities
2500 devices per reel.
OUT
BAT
CE
N/C
8
7
6
5
1
2
3
4
IN
VCC
N/C
VSS
bq24200, bq24201
HTSSOP (DGN) PACKAGE
(TOP VIEW)
OUT
BAT
TS
N/C
8
7
6
5
1
2
3
4
IN
VCC
STAT
VSS
OUT
BAT
CE
N/C
8
7
6
5
1
2
3
4
IN
VCC
STAT
VSS
bq24202, bq24203
HTSSOP (DGN) PACKAGE
(TOP VIEW)
bq24204, bq24205
HTSSOP (DGN) PACKAGE
(TOP VIEW)
*
*
*
* Thermal pad is electrically connected to the ground of the device (VSS).
Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
bq24200
bq24201
bq24202
bq24203
bq24204
bq24205
I/O
DESCRIPTION
BAT
7
7
7
I
Battery voltage sense input
CE
6
6
I
Charge enable Input (active low)
IN
1
1
1
I
Charge input voltage
N/C
5
5
3, 5
No connection. Must be left floating
OUT
8
8
8
O
Charge current output
STAT
3
3
O
Charge status output
TS
6
I
Temperature sense input
VCC
2
2
2
I
VCC input
VSS
4
4
4
Ground input
absolute maximum ratings over operating free–air temperature range (unless otherwise noted)
Supply voltage (Vcc with respect to GND)
16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, IN, STAT, TS (all with respect to GND)
16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, BAT, OUT (all with respect to GND)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output sink/source current (STAT)
15 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature range, TJ
–40
_C to 125_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10sec)
300
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.


Similar Part No. - BQ24204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24204DGN TI1-BQ24204DGN Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24204DGNG4 TI1-BQ24204DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24204DGNRG4 TI1-BQ24204DGNRG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
More results

Similar Description - BQ24204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24013 TI-BQ24013 Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com