Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24202DGN Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24202DGN
Description  SINGLE CHIP U-I ONAND LI-POL CHARGE MANAGEMENT IC FOR CURRENT LIMITED APPLICATIONS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24202DGN Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24202DGN Datasheet HTML 6Page - Texas Instruments BQ24202DGN Datasheet HTML 7Page - Texas Instruments BQ24202DGN Datasheet HTML 8Page - Texas Instruments BQ24202DGN Datasheet HTML 9Page - Texas Instruments BQ24202DGN Datasheet HTML 10Page - Texas Instruments BQ24202DGN Datasheet HTML 11Page - Texas Instruments BQ24202DGN Datasheet HTML 12Page - Texas Instruments BQ24202DGN Datasheet HTML 13Page - Texas Instruments BQ24202DGN Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
bq24200, bq24201, bq24202
bq24203, bq24204, bq24205
SLUS501A – OCTOBER 2001
11
www.ti.com
APPLICATION INFORMATION
battery charge current
Following a successful pre-conditioning, the bq2420x relies on an external current-limited supply to limit the
charge current to the cell. The bq2420x continues this phase until the battery reaches the voltage regulation
phase.
During this phase (and all other phases of operation) in order to protect the integrated powerFET, the internal
short circuit and thermal protection circuits are active.
battery voltage regulation
The voltage regulation feedback is through the BAT pin. This input is tied directly to the positive side of the
battery pack. The bq2420x monitors the battery-pack voltage between the BAT and VSS pins. The bq2420x
is offered in two fixed-voltage versions: 4.1 V and 4.2 V.
As a safety backup, the bq2420x also monitors the charge time in the voltage regulation mode. If taper current
is not detected within this time period, t(CHG), the bq2420x turns off the charger and enunciates FAULT on the
STAT pin. Fault condition is cleared by POR or battery replacement. Note that the safety timer is reset if the
bq2420x is forced out of the voltage regulation mode.
charge termination and recharge
The bq2420x monitors the charging current during the voltage regulation phase. Once the taper threshold,
I(TAPER), is detected the bq2420x initiates the taper timer, t(TAPER). Charge is terminated after the timer expires.
The bq2420x resets the taper timer in the event that the charge current returns above the taper threshold,
I(TAPER).
In addition to the taper current detection, the bq2420x terminates charge in the event that the charge current
falls below the I(TERM) threshold. This feature allows for quick recognition of a battery removal condition.
After a charge termination, the bq2420x restarts the charge once the voltage on the BAT pin falls below the
V(RCH) threshold. This feature keeps the battery at full capacity at all times.
sleep mode
The bq2420x enters the low-power sleep mode if the Vcc is removed from the circuit (i.e. the Vcc and IN pins
are floating). For applications where these pins are not floating, placing a low-power 10
Ω (1/16 W) between
the IN and VCC pins ensures the V(SLP) conditions are met (see Figure 9).This feature prevents draining the
battery during the absence of VCC.


Similar Part No. - BQ24202DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24202DGN TI1-BQ24202DGN Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24202DGNG4 TI1-BQ24202DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24202DGNR TI1-BQ24202DGNR Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24202DGNRG4 TI1-BQ24202DGNRG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
More results

Similar Description - BQ24202DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24013 TI-BQ24013 Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com