Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA-T263-201E-TR Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # DA-T263-201E-TR
Description  RoHS Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

DA-T263-201E-TR Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  DA-T263-201E-TR Datasheet HTML 1Page - Ohmite Mfg. Co. DA-T263-201E-TR Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
171
Lan D p attern S
LandPatternsforD,D2andD3
or D ering in F ormation
tape an D r ee L
Reeldiameter:13.00”(330.00mm)
200pcs.per
Standard part numbers For D Series
Part Number
Description
Packaging
Weight
DV-T263-101E
for D2 pack, degreased
Bulk
3.8 g
DA-T263-101E
for D2 pack, black anodized
Bulk
3.8 g
DV-T263-101E-TR
for D2 pack, degreased
Reel
3.8 g
DA-T263-101E-TR
for D2 pack, black anodized
Reel
3.8 g
DV-T268-101E
for D3 pack, degreased
Bulk
4.1 g
DA-T268-101E
for D3 pack, black anodized
Bulk
4.1 g
DV-T268-101E-TR
for D3 pack, degreased
Reel
4.1 g
DA-T268-101E-TR
for D3 pack, black anodized
Reel
4.1 g
DV-T263-201E
for D or D2 pack, degreased
Bulk
DA-T263-201E
for D or D2 pack, black anodized Bulk
DV-T263-201E-TR
for D or D2 pack, degreased
Reel
DA-T263-201E-TR
for D or D2 pack, black anodized Reel
DV-T268-301E
for D3 pack, degreased
Bulk
DA-T268-301E
for D3 pack, black anodized
Bulk
DV-T268-301E-TR
for D3 pack, degreased
Reel
DA-T268-301E-TR
for D3 pack, black anodized
Reel
DV-T263-301E
for D2 pack, degreased
Bulk
DA-T263-301E
for D2 pack, black anodized
Bulk
DV-T263-301E-TR
for D2 pack, degreased
Reel
DA-T263-301E-TR
for D2 pack, black anodized
Reel
Style 10
Style 20
Style 30
D0
1.55mm
1.5mm
1.5mm
K0
10.5mm
12.20mm
11.50mm
P0
4mm
4.0mm
4.0mm
P1
24mm
24mm
24.0mm
S0
40.4mm
40.4mm
52.4mm
W
44mm
44mm
56mm
K0
P1
P0
S0 W
ø D0
0.81" (20.6mm)
0.03"
(0.80mm)
0.06"
(1.40mm)
0.54"
(13.7mm)
0.83" (21.1mm)
0.56"
(14.2mm)
0.63" (16.0mm)
TO-268 (D3)
0.076"
(1.94mm)
0.06"
(1.40mm)
0.54"
(13.7mm)
0.64" (16.3mm)
0.56"
(14.2mm)
0.44" (11.2mm)
TO-252 (D)
TO-263 (D2)
TO-263 (D2)
0.62" (15.8mm)
0.35" (8.89mm)
TO-252 (D)
0.03"
(0.80mm) TO-263 (D2)
TO-252 (D)
D Series
Heatsink For TO-252, TO-263
and TO-268 devices
DA-T263-201E -TR
Series
D
Style
10, 20 or 30
Length
1 = 0.50"
2, 3, 4 = optional lengths
assigned
sequentially on
customer request
Finish
A = black anodized
V = degreased
Package
T263 = TO-263
(or TO-252)
T268 = TO-268
Tape & Reel
RoHS
Compliant
Removable Kapton
tape on each part
facilitates handling
by automatic pick
and place equipment.
Style 10 tape and
reel only.


Similar Part No. - DA-T263-201E-TR

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
DA-T263-201E-TR OHMITE-DA-T263-201E-TR Datasheet
452Kb / 2P
   RoHS Compliant
More results

Similar Description - DA-T263-201E-TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com