Electronic Components Datasheet Search |
|
C1206X393JZGACTU Datasheet(PDF) 7 Page - Kemet Corporation |
|
C1206X393JZGACTU Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 20 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1070_C0G_HV_FT-CAP • 1/23/2014 7 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC – 3000VDC (Commerical & Automotive Grade) Table 1B – Capacitance Range/Selection Waterfall (1812 – 2225 Case Sizes) cont’d KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within the same form factor (configuration and dimensions). These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.. Cap Cap Code Case Size / Series C1812X C1825X C2220X C2225X Voltage Code C B D F G Z H C B D F G Z H C B D F G Z H C B D F G Z H Rated Voltage (VDC) Capacitance Tolerance Product Availability and Chip Thickness Codes See Table 2 for Chip Thickness Dimensions 1,100 pF 112 F G J K M GH GK GK GH GO HJ JE JK JK JK JK JK KE KE KE KF KF KF 1,200 pF 122 F G J K M GH GK GK GH GO HJ JE JK JK JK JK JL KE KE KE KF KF KF 1,300 pF 132 F G J K M GH GK GK GH GO HE HJ JE JK JK JK JE JL KE KE KE KF KF KH 1,500 pF 152 F G J K M GK GK GK GK GO HE HK JE JK JK JK JE JL KE KE KE KF KF KH 1,600 pF 162 F G J K M GK GK GK GK HG HK JE JK JK JK JE JL KE KE KE KF KE KH 1,800 pF 182 F G J K M GK GK GK GM HG JE JK JK JK JE JN KE KE KE KF KE KH 2,000 pF 202 F G J K M GK GK GK GM HE HJ JE JK JK JE JK KE KE KE KF KE KJ 2,200 pF 222 F G J K M GK GK GK GO HE HJ JE JK JK JE JK KE KE KE KF KF KJ 2,400 pF 242 F G J K M GK GH GK GO HE HJ JK JK JK JE JL KE KE KE KE KH 2,700 pF 272 F G J K M GK GH GK GO HE HK JK JK JK JE JL KE KE KE KE KH 3,000 pF 302 F G J K M GK GH GK HE HK JK JK JK JE JL KE KE KE KE KH 3,300 pF 332 F G J K M GK GH GK HG JK JK JK JK JN KE KE KE KE KJ 3,600 pF 362 F G J K M GK GH GM HG JK JK JK JK JN KE KF KF KF KJ 3,900 pF 392 F G J K M GK GH GM HJ JK JK JK JK JN KE KF KF KF KJ 4,300 pF 432 F G J K M GH GH GO HJ JK JK JK JK KE KF KF KF 4,700 pF 472 F G J K M GH GH GO HJ JK JK JK JL KE KF KF KH 5,100 pF 512 F G J K M GH GK GO HE HG HK JK JK JK JL KE KF KF KH 5,600 pF 562 F G J K M GH GK GO HE HG HK JK JK JK JN KE KF KF KH 6,200 pF 622 F G J K M GH GK HE HG JK JE JE JN KE KF KF KJ 6,800 pF 682 F G J K M GH GM HE HJ JK JE JK JN KE KF KF KJ 7,500 pF 752 F G J K M GH GM HE HJ JK JE JK KF KE KF 8,200 pF 822 F G J K M GK GO HE HJ JK JE JL KF KE KF 9,100 pF 912 F G J K M GM GO HE HG HK JE JE JL KF KE KH 10,000 pF 103 F G J K M GM GO HE HG HK JE JE JL KF KE KH 12,000 pF 123 F G J K M GO HE HG JE JK JN KE KE KH 15,000 pF 153 F G J K M GO HE HJ JE JL KE KF KJ 18,000 pF 183 F G J K M HG HK JE JL KE KH 22,000 pF 223 F G J K M HJ JK JN KF KJ 27,000 pF 273 F G J K M HJ JL JN KF KJ 33,000 pF 333 F G J K M HK JN KH 39,000 pF 393 F G J K M KJ Cap Cap Code Rated Voltage (VDC) Voltage Code C B D F G Z H C B D F G Z H C B D F G Z H C B D F G Z H Case Size / Series C1812X C1825X C2220X C2225X Roll Over for Order Info. C 2225 X 393 J C G A C TU Ceramic Case Size (L" x W") Specification/ Series Capacitance Code (pF) Capacitance Tolerance Rated Voltage (VDC) Dielectric Failure Rate/ Design Termination Finish Packaging/Grade (C-Spec) 0805 1206 1210 1808 1812 1825 2220 2225 X= Flexible Termination 2 significant digits + number of zeros. B = ±0.10 pF C = ±0.25 pF D = ±0.5 pF F = ±1% G = ±2% J = ±5% K = ±10% M = ±20% C = 500 V B = 630 V D = 1000 V F = 1500 V G = 2000 V Z = 2500 V H = 3000 V G = C0G A = N/A C = 100% Matte Sn L = SnPb (5% minimum) Blank = Bulk TU = 7" Reel - Unmarked AUTO = Automotive Grade 7” Reel - Unmarked |
Similar Part No. - C1206X393JZGACTU |
|
Similar Description - C1206X393JZGACTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |