Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1526 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AR1526
Description  TO-8B CASCADABLE AR1526 AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AR1526 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AR1526 Datasheet HTML 1Page - Teledyne Technologies Incorporated AR1526 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AR1526
Gain vs Temperature
Vcc = 15
31.0
30.0
29.0
28.0
27.0
26.0
Noise Figure
K EY: + 25
°C
+85
°C
-55
°C
Power Output at 1 dB Compression
Intercept Point
18.0
17.0
16.0
15.0
14.0
13.0
2nd HAR
IP 3
IP 2
80
70
60
50
40
30
20
FREQUENCY - MHz
6 .0
5 .0
4 .0
3 .0
2 .0
0
200
400
600
800
1000
1200
1400
1600
FREQUENCY - MHz
0
200
400
600
800
1000
1200
1400
1600
FREQUENCY - MHz
0
200
400
600
800
1000
1200
1400
1600
FREQUENCY - MHz
0
200
400
600
800
1000
1200
1400
1600
Model: AR1526
Vcc= +15V
Icc= 80.5
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.42
1.30
28.46
-140
-46.9
10
1.24
1.19
28.81
-162
-45.9
50
1.16
1.13
29.02
171
1.90
-45.9
100
1.17
1.12
28.98
155
0.88
-46.9
200
1.18
1.11
28.89
127
0.77
-47.0
300
1.20
1.11
28.82
100
0.74
-45.9
400
1.22
1.09
28.85
74
0.73
-46.0
500
1.22
1.07
28.95
48
0.73
-45.8
600
1.21
1.05
29.12
22
0.73
-45.9
700
1.20
1.04
29.36
-6
0.75
-47.0
800
1.17
1.05
29.64
-33
0.77
-46.6
900
1.14
1.07
29.90
-62
0.80
-48.2
1000
1.11
1.09
30.07
-92
0.83
-47.2
1100
1.09
1.10
30.04
-123
0.86
-45.4
1200
1.11
1.07
29.82
-154
0.86
-46.8
1300
1.16
1.03
29.38
176
0.84
-46.3
1400
1.23
1.06
28.88
146
0.81
-46.5
1500
1.33
1.14
28.48
119
0.77
-45.3
1600
1.52
1.24
28.23
90
0.79
-46.1
LINEAR S-PARAMETERS
Model: AR1526
Vcc= +15V
Icc= 80.5
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.18
-104.3
26.50
-140.4
0.005
57.2
0.13
-140.5
10
0.11
-128.5
27.57
-161.9
0.005
29.4
0.09
-160.7
50
0.08
176.9
28.25
170.6
0.005
0.5
0.06
172.4
100
0.08
152.2
28.13
154.8
0.005
1.2
0.06
162.3
200
0.08
119.0
27.82
127.0
0.004
-12.9
0.05
144.4
300
0.09
91.2
27.62
100.5
0.005
-21.8
0.05
126.1
400
0.10
70.7
27.70
74.3
0.005
-11.8
0.04
103.1
500
0.10
53.8
28.02
47.9
0.005
-15.8
0.04
78.6
600
0.10
38.2
28.58
21.5
0.005
-26.6
0.02
49.1
700
0.09
26.8
29.38
-5.6
0.004
-37.8
0.02
-6.0
800
0.08
17.7
30.34
-33.5
0.005
-50.9
0.03
-60.4
900
0.07
11.4
31.26
-62.4
0.004
-56.8
0.03
-95.7
1000
0.05
14.2
31.88
-92.5
0.004
-61.3
0.04
-126.2
1100
0.04
32.4
31.77
-123.3
0.005
-74.2
0.05
-153.2
1200
0.05
54.6
30.98
-154.2
0.005
-79.1
0.03
171.0
1300
0.07
61.6
29.45
175.6
0.005
-93.3
0.01
103.3
1400
0.10
67.9
27.79
146.4
0.005
-104.0
0.03
-27.6
1500
0.14
68.0
26.54
118.5
0.005
-118.1
0.07
-61.9
1600
0.21
62.3
25.79
90.2
0.005
-128.3
0.11
-82.8


Similar Part No. - AR1526

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
AR152 MIC-AR152 Datasheet
39Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
logo
Applied Power Microelec...
AR1521P1 APMICRO-AR1521P1 Datasheet
712Kb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
More results

Similar Description - AR1526

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AR2568 TELEDYNE-AR2568 Datasheet
171Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR1298 TELEDYNE-AR1298 Datasheet
179Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR3098 TELEDYNE-AR3098 Datasheet
171Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
ARS1208 TELEDYNE-ARS1208 Datasheet
153Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR1096 TELEDYNE-AR1096 Datasheet
168Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR2584 TELEDYNE-AR2584 Datasheet
166Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR3569 TELEDYNE-AR3569 Datasheet
185Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR1094 TELEDYNE-AR1094 Datasheet
170Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR2098 TELEDYNE-AR2098 Datasheet
170Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
AR3069 TELEDYNE-AR3069 Datasheet
170Kb / 2P
   TO-8B CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com