Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFD6N70U Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFD6N70U
Description  700V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFD6N70U Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFD6N70U_15 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFD6N70U_15 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFD6N70U_15 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFD6N70U_15 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFD6N70U_15 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFD6N70U_15 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFD6N70U_15 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFD6N70U_15 Datasheet HTML 8Page - SemiHow Co.,Ltd. HFD6N70U_15 Datasheet HTML 9Page - SemiHow Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BV
DSS = 700 V
R
DS(on) typ
I
D = 4.8 A
Originative New Design
Superior Avalanche Rugged Technology
Robust Gate Oxide Technology
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
Unrivalled Gate Charge : 16.0 nC (Typ.)
Extended Safe Operating Area
Lower R
DS(ON)
GS=10V
100% Avalanche Tested
FEATURES
Absolute Maximum Ratings
T
C=25
unless otherwise specified
HFD6N70U / HFU6N70U
700V N-Channel MOSFET
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
700
V
I
D
Drain Current
– Continuous (T
C = 25
)
4.8
A
Drain Current
– Continuous (T
C = 100
)
3.0
A
I
DM
Drain Current
– Pulsed
(Note 1)
19.2
A
V
GS
Gate-Source Voltage
30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
170
mJ
I
AR
Avalanche Current
(Note 1)
4.8
A
E
AR
Repetitive Avalanche Energy
(Note 1)
9.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
P
D
Power Dissipation (T
A = 25
)*
2.5
W
Power Dissipation (T
C = 25
)
- Derate above 25
95
W
0.76
W/
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
1.Gate 2. Drain 3. Source
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
R
JC
Junction-to-Case
--
1.31
/W
R
JA
Junction-to-Ambient*
--
50
R
JA
Junction-to-Ambient
--
110
August 2015
2
1
2
3
1
3
D-PAK
I-PAK
HFD6N70U
HFU6N70U
* When mounted on the minimum pad size recommended (PCB Mount)


Similar Part No. - HFD6N70U_15

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFD6N70U SEMIHOW-HFD6N70U Datasheet
417Kb / 10P
   Superior Avalanche Rugged Technology
More results

Similar Description - HFD6N70U_15

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com