Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT37RD4-TE13 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT37RD4-TE13
Description  CMOS White LED Driver Boost Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT37RD4-TE13 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT37RD4-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT37RD4-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT37RD4-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT37RD4-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT37RD4-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT37RD4-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT37RD4-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT37RD4-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT37RD4-TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT37
4
Doc. No. 5005, Rev. R
TYPICAL CHARACTERISTICS
VIN = 3.6 V,TAMB = 25˚C, CIN = 4.7
µF, COUT = 1µF, L = 6.8 µH, unless otherwise specified.
14.0
14.5
15.0
15.5
16.0
-50
-25
0
25
50
75
100
4 LEDs
4 LEDs
LED Current vs. Temperature
80
85
90
95
100
105
110
0
5
10
15
20
LED CURRENT [mA]
3 LEDs
3 LEDs
FB Pin Voltage vs. LED Current
0.8
0.9
1.0
1.1
1.2
1.3
-50
-25
0
25
50
75
100
LOAD =20 mA
LOAD = 3 LEDs VIN
= 3.6V
LOAD = 20mA
LOAD = 3 LEDs
VIN = 3.6V
Switching Frequency vs. Temperature
0
10
20
30
23
4
5
6
INPUT VOLTAGE [V]
3 LEDs
20mA
10mA
3 LEDs
20mA
10mA
LED Current vs. Input Voltage
0.8
0.9
1.0
1.1
1.2
1.3
12
34
5
6
INPUT VOLTAGE [V]
4 LEDs
Switching Frequency vs. Input Voltage
80
85
90
95
100
-50
-25
0
25
50
75
100
4 LEDs at 15mA
VIN = 3.6V
4LEDs at 15mA
VIN = 3.6V
FB Pin Voltage vs. Temperature
4 LEDs


Similar Part No. - CAT37RD4-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
Texas Instruments
CAT37 TI-CAT37 Datasheet
248Kb / 13P
[Old version datasheet]   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT37EKK-TE7 CATALYST-CAT37EKK-TE7 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
Texas Instruments
CAT37TDI-GT3 TI-CAT37TDI-GT3 Datasheet
248Kb / 13P
[Old version datasheet]   CMOS White LED Driver Boost Converter
More results

Similar Description - CAT37RD4-TE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
   CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
   CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
   CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
logo
Texas Instruments
CAT37 TI-CAT37_08 Datasheet
248Kb / 13P
[Old version datasheet]   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com