Selected language     English  ▼


A-1021E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. A-1021E
Description  SINGLE DIGIT DISPLAY
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
C/A-1021X, C/A-1201X
SINGLE DIGIT DISPLAY
Part No.
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(ucd)10mA
Shape
Common
Cathode
Common
Anode
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
Fig. No.
C-1021H
A-1021H
GaP
Red
700
4.2
5.6
1000
C-1021E
A-1021E
GaAsP/GaP Hi.effi Red
635
4.0
5.6
4200
C-1021G
A-1021G
GaP
Green
565
4.2
5.6
4000
C-1021Y
A-1021Y
GaAsP/GaP Yellow
585
4.2
5.6
3200
C-1021SR
A-1021SR
GaAlAs
Super Red
660
3.6
4.8
40000
D15
C-1201H
A-1201H
GaP
Red
700
4.2
5.6
1000
C-1201E
A-1201E
GaAsP/GaP Hi.effi Red
635
4.0
5.6
4200
C-1201G
A-1201G
GaP
Green
565
4.2
5.6
4000
C-1201Y
A-1201Y
GaAsP/GaP Yellow
585
4.2
5.6
3200
C-1201SR
A-1201SR
GaAlAs
Super Red
660
3.6
4.8
40000
D16
Fig.D15
Fig.D16
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAN6161C0.56 INCH 14.2 MM SINGLE DIGIT STICK DISPLAY DIAMOND Font 1 2 3 4 5 MoreFairchild Semiconductor
LTS-3406LYThe LTS-3406LY is a 0.8 inch 20.32 mm digit height single digit seven-segment display 1 2 3 4 5 Lite-On Technology Corporation
C-421XSINGLE DIGIT DISPLAY 1 List of Unclassifed Manufacturers
MANF260C4.0 INCH 101.6 MM SINGLE DIGIT STICK DISPLAY 1 2 3 4 5 MoreFairchild Semiconductor
LDS-SMC5602RD-TR0.56 SINGLE DIGIT SEVEN SEGMENT DISPLAY SURFACE MOUNT 565nm GREEN CHIPS BLACK FACE MILKY WHITE DIFFUSED 1 List of Unclassifed Manufacturers
PSA39-21GWA9.9mm 0.39 INCH 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY 1 2 3 Kingbright Corporation
LTS547AP0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY 1 2 3 4 5 Lite-On Technology Corporation
NTE30570.3 Single Digit Numeric Display Seven Segment Common Cathode 1 2 3 NTE Electronics
SC08-11SRWA20.32mm 0.8INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 Kingbright Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl