Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH7008A-V Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CH7008A-V
Description  Digital PC to TV Encoder Features
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CH7008A-V Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CH7008A-V Datasheet HTML 1Page - List of Unclassifed Manufacturers CH7008A-V Datasheet HTML 2Page - List of Unclassifed Manufacturers CH7008A-V Datasheet HTML 3Page - List of Unclassifed Manufacturers CH7008A-V Datasheet HTML 4Page - List of Unclassifed Manufacturers CH7008A-V Datasheet HTML 5Page - List of Unclassifed Manufacturers CH7008A-V Datasheet HTML 6Page - List of Unclassifed Manufacturers CH7008A-V Datasheet HTML 7Page - List of Unclassifed Manufacturers CH7008A-V Datasheet HTML 8Page - List of Unclassifed Manufacturers CH7008A-V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
201-0000-027 Rev 2.2, 9/30/99
5
CHRONTEL
CH7008A
44-Pin
PLCC
44-Pin
TQFP
Type
Symbol
Description
32
26
In/Out
SD
Serial Data Input/Output
This pin functions as the serial data pin of the I2C interface port, and
uses the DVDD supply.
(see the I2C Port Operation section for details)
33
27
In
SC
Serial Clock Input
This pin functions as the serial clock pin of the I2C interface port, and
uses the DVDD supply.
(see the I2C Port Operation section for details)
35
29
In
RESET*
Reset* Input
When this pin is low, the CH7008 is held in the power-on reset
condition. When this pin is high, the device operates normally and reset
is controlled through the I2C register.
38
32
In
XI/FIN
Crystal Input/External Reference Input
A parallel resonance 14.31818MHz crystal should be attached
between this pin and XO. However, an external CMOS clock can be
attached to XI/FIN.
39
33
Out
XO
Crystal Output
A parallel resonance 14.31818MHz +20ppm crystal should be
attached between this pin and XI/FIN. However, if an external CMOS
clock is attached to XI/FIN, XO should not be connected.
41
35
In/Out
DS/BCO
Data start (input)/Buffered Clock (output)
In normal operating modes, when configured as an input, the rising
edge of this signal identifies the first active pixel of data for each
active line. The level is 0 to DVDD2, with VREF as the threshold level.
When configured as an output this pin provides a buffered clock
output, driven by the DVDD supply. The output clock can be selected
using the BCO register (17th) (see Registers and Programing).
43
37
Out
P-OUT
Pixel Clock Output
This pin provides a pixel clock signal to the VGA controller (adjustable as
1X, 2X and 3X) and is driven from the DVDD2 supply. This clock will only
be provided in master clock modes, and will be tri-stated otherwise, (see
the section on Digital Video Interface and Registers and Programming
for more details). The capacitive loading on this pin should be kept to a
minimum.
11,22,36
5,16,30
Power
DVDD
Digital Supply Voltage
14,24,34,
42
8,18,28,3
6
Power
DGND
Digital Ground
25,29
19,23
Power
GND
DAC
31
25
Power
VDD
DAC Supply Voltage
37
31
Power
AVDD
PLL Supply Voltage
40
34
Power
AGND
PLL Ground
44
38
Power
DVDD2
I/O SUPPLY VOLTAGE
Digital supply voltage for the P-OUT
Table 1. Pin Descriptions


Similar Part No. - CH7008A-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7001C ETC-CH7001C Datasheet
108Kb / 18P
   VGA to NTSC/PAL Encoder
CH7001C-V ETC-CH7001C-V Datasheet
108Kb / 18P
   VGA to NTSC/PAL Encoder
CH7002D ETC-CH7002D Datasheet
199Kb / 36P
   Scalable VGA to NTSC/PAL Encoder
CH7002D-V ETC-CH7002D-V Datasheet
199Kb / 36P
   Scalable VGA to NTSC/PAL Encoder
CH7003B ETC1-CH7003B Datasheet
334Kb / 50P
   Digital PC to TV Encoder
More results

Similar Description - CH7008A-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7006C ETC-CH7006C Datasheet
338Kb / 49P
   Digital PC to TV Encoder Features
CH7013A ETC1-CH7013A Datasheet
249Kb / 46P
   Digital PC to TV Encoder
CH7003B ETC1-CH7003B Datasheet
334Kb / 50P
   Digital PC to TV Encoder
CH7013B ETC1-CH7013B Datasheet
1,004Kb / 46P
   Digital PC to TV Encoder
CH1005C ETC-CH1005C Datasheet
338Kb / 49P
   Digital PC to TV Encoder with Macrovision
CH7004C ETC1-CH7004C Datasheet
336Kb / 51P
   Digital PC to TV Encoder with Macrovision
CH7007A ETC-CH7007A Datasheet
278Kb / 49P
   DIGITAL PC TO TV ENCODER WITH MACROVISION
logo
Winbond
W9952QP WINBOND-W9952QP Datasheet
30Kb / 1P
   TV ENCODER
logo
Rohm
BH7236AF ROHM-BH7236AF_1 Datasheet
269Kb / 6P
   Color TV signal encoder
BA7232FS ROHM-BA7232FS Datasheet
74Kb / 6P
   Color TV Signal Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com