Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFU2N65F Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFU2N65F
Description  650V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFU2N65F Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFU2N65F_16 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFU2N65F_16 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFU2N65F_16 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFU2N65F_16 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFU2N65F_16 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFU2N65F_16 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFU2N65F_16 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFU2N65F_16 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
01234567
0
2
4
6
8
10
12
Q
G, Total Gate Charge [nC]
* Note : I
D = 2.0A
V
DS = 325V
V
DS = 130V
V
DS = 520V
10
-1
10
0
10
1
0
100
200
300
400
500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
23
45
67
89
10
0.1
1
-25
oC
25
oC
* Notes :
1. V
DS= 30V
2. 300us Pulse Test
V
GS, Gate-Source Voltage [V]
150
oC
0.20.4
0.60.8
1.01.2
1.41.6
1.8
0.1
1
25
oC
* Notes :
1. V
GS= 0V
2. 300us Pulse Test
V
SD, Source-Drain Voltage [V]
150
oC
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
Bottom : 5.0 V
* Notes :
1. 300us Pulse Test
2. T
C = 25
oC
V
DS, Drain-Source Voltage [V]
012
345
0
3
6
9
12
I
D, Drain Current[A]
V
GS = 10V
V
GS = 20V
* Note : T
J = 25
oC


Similar Part No. - HFU2N65F_16

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFU2N65F SEMIHOW-HFU2N65F Datasheet
211Kb / 8P
   600V N-Channel MOSFET
More results

Similar Description - HFU2N65F_16

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
HFS2N65S SEMIHOW-HFS2N65S_16 Datasheet
193Kb / 7P
   650V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
   650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com