Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH7008A-T Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CH7008A-T
Description  Digital PC to TV Encoder Features
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CH7008A-T Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CH7008A-T Datasheet HTML 6Page - List of Unclassifed Manufacturers CH7008A-T Datasheet HTML 7Page - List of Unclassifed Manufacturers CH7008A-T Datasheet HTML 8Page - List of Unclassifed Manufacturers CH7008A-T Datasheet HTML 9Page - List of Unclassifed Manufacturers CH7008A-T Datasheet HTML 10Page - List of Unclassifed Manufacturers CH7008A-T Datasheet HTML 11Page - List of Unclassifed Manufacturers CH7008A-T Datasheet HTML 12Page - List of Unclassifed Manufacturers CH7008A-T Datasheet HTML 13Page - List of Unclassifed Manufacturers CH7008A-T Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
201-0000-027 Rev 2.2, 9/30/99
*
Patent number 5,874,846
10
CHRONTEL
CH7007A
Functional Description
The CH7008 is a TV-output companion chip to graphics controllers providing digital output in either YCrCb or
RGB format. This solution involves both hardware and software elements which work together to produce an
optimum TV screen image based on the original computer generated pixel data. All essential circuitry for this
conversion are integrated on chip. On chip circuitry includes memory, memory control, scaling, PLL, DAC, filters
and NTSC/PAL encoder. All internal signal processing, including NTSC/PAL encoding, is performed using digital
techniques to ensure that the high-quality video signals are not affected by drift issues associated with analog
components. No additional adjustment is required during manufacturing.
CH7008 is ideal for PC motherboards, web browsers or VGA add-in boards where a minimum of discrete support
components (passive components, parallel resonance 14.31818 MHz crystal) are required for full operation.
Architectural Overview
The CH7008 is a complete TV output subsystem which uses both hardware and software elements to produce an
image on TV which is virtually identical to the image that would be displayed on a monitor. Simply creating a
compatible TV output from a VGA input involves a relatively straightforward process. This process includes a
standard conversion from RGB to YUV color space, converting from a non-interlaced to an interlaced frame
sequence, and encoding the pixel stream into NTSC or PAL compliant format. However, creating an optimum
computer-generated image on a TV screen involves a highly sophisticated process of scaling, deflickering, and
filtering. This results in a compatible TV output that displays a sharp and subtle image, of the right size, with
minimal artifacts from the conversion process.
As a key part of the overall system solution, the CH7008 software establishes the correct framework for the VGA
input signal to enable this process. Once the display is set to a supported resolution (either 640x480 or 800x600), the
CH7008 software may be invoked to establish the appropriate TV output display. The software then programs the
various timing parameters of the VGA controller to create an output signal that will be compatible with the chosen
resolution, operating mode, and TV format. Adjustments performed in software include pixel clock rates, total
pixels per line, and total lines per frame. By performing these adjustments in software, the CH7008 can render a
superior TV image without the added cost of a full frame buffer memory – normally used to implement features
such as scaling and full synchronization.
The CH7008 hardware accepts digital RGB or YCrCb inputs, which are latched in synchronization with the pixel
clock. These inputs are then color-space converted into YUV in 4-2-2 format, and stored in a line buffer memory.
The stored pixels are fed into a block where scan-rate conversion, underscan scaling and 2-line, 3-line, 4-line or 5-
line vertical flicker filtering are performed. The scan-rate converter transforms the VGA horizontal scan-rate to
either NTSC or PAL scan rates; the vertical flicker filter eliminates flicker at the output while the underscan scaling
reduces the size of the displayed image to fit onto a TV screen. The resulting YUV signals are filtered through
digital filters to minimize aliasing problems. The digital encoder receives the filtered signals and transforms them to
composite and S-Video outputs, which are converted by the three 9-bit DACs into analog outputs.
Color Burst Generation*
The CH7008 allows the subcarrier frequency to be accurately generated from a 14.31818 MHz crystal oscillator,
leaving the subcarrier frequency independent of the sampling rate. As a result, the CH7008 may be used with any
VGA chip (with an appropriate digital interface) since the CH7008 subcarrier frequency can be generated without
being dependent on the precise pixel rates of VGA controllers. This feature is a significant benefit, since even a
±0.01% subcarrier frequency variation may be enough to cause some television monitors to lose color lock.
In addition, the CH7008 has the capability to genlock the color burst signal to the VGA horizontal sync frequency,
which enables a fully synchronous system between the graphics controller and the television. When genlocked, the
CH7008 can also stop “dot crawl” motion (for composite mode operation in NTSC modes) to eliminate the
annoyance of moving borders. Both of these features are under programmable control through the register set.
Display Modes
The CH7008 display mode is controlled by three independent factors: input resolution, TV format, and scale factor,
which are programmed via the display mode register. It is designed to accept input resolutions of 640x480, 800x600,
640x400 (including 320x200 scan-doubled output), 720x400 and 512x384.


Similar Part No. - CH7008A-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7001C ETC-CH7001C Datasheet
108Kb / 18P
   VGA to NTSC/PAL Encoder
CH7001C-V ETC-CH7001C-V Datasheet
108Kb / 18P
   VGA to NTSC/PAL Encoder
CH7002D ETC-CH7002D Datasheet
199Kb / 36P
   Scalable VGA to NTSC/PAL Encoder
CH7002D-V ETC-CH7002D-V Datasheet
199Kb / 36P
   Scalable VGA to NTSC/PAL Encoder
CH7003B ETC1-CH7003B Datasheet
334Kb / 50P
   Digital PC to TV Encoder
More results

Similar Description - CH7008A-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7006C ETC-CH7006C Datasheet
338Kb / 49P
   Digital PC to TV Encoder Features
CH7013A ETC1-CH7013A Datasheet
249Kb / 46P
   Digital PC to TV Encoder
CH7003B ETC1-CH7003B Datasheet
334Kb / 50P
   Digital PC to TV Encoder
CH7013B ETC1-CH7013B Datasheet
1,004Kb / 46P
   Digital PC to TV Encoder
CH1005C ETC-CH1005C Datasheet
338Kb / 49P
   Digital PC to TV Encoder with Macrovision
CH7004C ETC1-CH7004C Datasheet
336Kb / 51P
   Digital PC to TV Encoder with Macrovision
CH7007A ETC-CH7007A Datasheet
278Kb / 49P
   DIGITAL PC TO TV ENCODER WITH MACROVISION
logo
Winbond
W9952QP WINBOND-W9952QP Datasheet
30Kb / 1P
   TV ENCODER
logo
Rohm
BH7236AF ROHM-BH7236AF_1 Datasheet
269Kb / 6P
   Color TV signal encoder
BA7232FS ROHM-BA7232FS Datasheet
74Kb / 6P
   Color TV Signal Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com