Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFW12N60S Datasheet(PDF) 4 Page - SemiHow Co.,Ltd.

Part # HFW12N60S
Description  600V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFW12N60S Datasheet(HTML) 4 Page - SemiHow Co.,Ltd.

  HFW12N60S_16 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFW12N60S_16 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFW12N60S_16 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFW12N60S_16 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFW12N60S_16 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFW12N60S_16 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFW12N60S_16 Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
T
J, Junction Temperature [
oC]
Typical Characteristics (continued)
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
J, Junction Temperature[
oC]
* Note:
1. V
GS=10V
2. I
D=6.0A
25
50
75
100
125
150
0
2
4
6
8
10
12
14
T
C, Case Temperature [
oC]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10 s
100 ms
DC
10 ms
1 ms
100 s
Operation in This Area
is Limited by R
DS(on)
* Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* Notes :
1. Z
JC(t) = 0.56
oC/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * Z JC(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square Wave Pulse Duration [sec]
t
2
t
1
P
DM


Similar Part No. - HFW12N60S_16

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFW12N60S SEMIHOW-HFW12N60S Datasheet
213Kb / 7P
   Superior Avalanche Rugged Technology
More results

Similar Description - HFW12N60S_16

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com