Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32K421-700S5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 32K421-700S5
Description  PANEL JACK MICROSTRIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

32K421-700S5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  32K421-700S5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 32K421-700S5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
SMA
PANEL JACK
MICROSTRIP
32K421-700S5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
email: info@rosenberger.de
2 / 2
f(GHz)
Electrical data
Impedance
50
Frequency
DC to 18 GHz
VSWR
≤ 1.05 + 0.005 x f [GHz], DC to 8 GHz
≤ 1.30
8 to 18 GHz
Insertion loss
≤ 0.04 x
dB
Insulation resistance
≥ 5 x103 MΩ
Center contact resistance
≤ 3 mΩ
Outer contact resistance
≤ 2 mΩ
Test voltage
1000 V rms
Working voltage
480 V rms
Power handling (at 20 °C, sea level, VSWR 1.0)
≤ 200 W @ 2 GHz
RF-leakage
≥ 100 dB up to 1 GHz
Mechanical data
Mating cycles
min. 500
Center contact captivation: axial
≥ 27 N
radial
≥ 3 Ncm
Coupling test torque
max. 1.7 Nm
Recommended torque
0.8 Nm to 1.1 Nm
Environmental data
Temperature range
-65°C to +165°C
Thermal shock
MIL-STD-202, Meth. 107, Cond. B
Corrosion
MIL-STD-202, Meth. 101, Cond. B
Vibration
MIL-STD-202, Meth. 204, Cond. D
Shock
MIL-STD-202, Meth. 213, Cond. I
Moisture resistance
MIL-STD-202, Meth. 106
RoHS
compliant
Tooling
N/A
Suitable cables
N/A
Weight
Weight
2.34 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Rong Fang
25/03/04
J_Krautenbacher
21.07.16
e00
15-1629
I_Wallner
21.07.16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 32K421-700S5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
32K421-200E3 ROSENBERGER-32K421-200E3 Datasheet
225Kb / 2P
   PANEL JACK SOLDER END
32K421-600S5 ROSENBERGER-32K421-600S5 Datasheet
225Kb / 2P
   SMA PANEL JACK STRIPLINE
More results

Similar Description - 32K421-700S5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53K407-106N5 ROSENBERGER-53K407-106N5 Datasheet
43Kb / 2P
   PANEL JACK
53K409-500N5 ROSENBERGER-53K409-500N5 Datasheet
39Kb / 2P
   PANEL JACK
64K402-272B1 ROSENBERGER-64K402-272B1 Datasheet
362Kb / 2P
   Panel Jack
53K407-108N5 ROSENBERGER-53K407-108N5 Datasheet
43Kb / 2P
   PANEL JACK
64K409-200B1 ROSENBERGER-64K409-200B1 Datasheet
498Kb / 2P
   Panel Jack
53K401-115N5 ROSENBERGER-53K401-115N5 Datasheet
43Kb / 2P
   PANEL JACK
logo
Winchester Electronics ...
KD-19-72 WINCHESTER-KD-19-72 Datasheet
47Kb / 1P
   PANEL JACK
logo
Rosenberger Hochfrequen...
64K401-273B1 ROSENBERGER-64K401-273B1 Datasheet
306Kb / 2P
   Panel Jack
53QK40A-500N5 ROSENBERGER-53QK40A-500N5 Datasheet
83Kb / 2P
   PANEL JACK
53K403-200N5 ROSENBERGER-53K403-200N5 Datasheet
42Kb / 2P
   PANEL JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com