Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT-N404RD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BT-N404RD
Description  THREE DIGIT LED DISPLAYS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT-N404RD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BT-N404RD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BT-M341RD
BT-N341RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BT-M345RD
BT-N345RD
BT-M345RE
BT-N345RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BT-M342RD
BT-N342RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BT-M343RD
BT-N343RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BT-M344RD
BT-N344RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BT-M346RD
BT-N346RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
0.39"
Three-Digit
BT-M34DRD
BT-N34DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
TD-03
BT-M401RD
BT-N401RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BT-M405RD
BT-N405RD
BT-M405RE
BT-N405RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BT-M402RD
BT-N402RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BT-M403RD
BT-N403RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BT-M404RD
BT-N404RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BT-M406RD
BT-N406RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
0.40"
Three-Digit
BT-M40DRD
BT-N40DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
TD-04
TD-03
BT- M
N34xRD
TD-04
BT- M
N40xRD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
B
F
DP
3
11
B
7
A
C
4
D
2
E
1
G
F
10
5
D1
12
9
D2
D3
8
G
D
E
DP
C
D2
D1
D3
A
E1.3(.051)
NC: 6.
+
PIN 1.
8B
30.20(1.190)
2.54(.100)
E0.50(.020)
10.20(.402)
7.00(.276)
3.00(.118)MIN.
15.70(.618)
5.80(.228)
12.70(.500)
2.54(.100)
E0.50(.020)
3.00(.118)MIN.
6.90(.271)
10.0(.393)
20.20(.795)
PIN 1.
+
5B
E1.0(.039)
16.0(.630)
4.80(.189)
D
D1
E
F
G
D2
D3
A
DP
11
C
B
7 4
B
A
C
10
21
5 3
D E
FG DP
NC: 6.
12.70(.500)
D1
12
D2
9
8
D3
BT-N40xRD
BT-N34xRD
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BT-N404RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BT-N404RD BRIGHT-BT-N404RD Datasheet
188Kb / 3P
   10.20mm(0.40) high three digit seven segments display
More results

Similar Description - BT-N404RD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BT-M511RD YSTONE-BT-M511RD Datasheet
121Kb / 1P
   THREE DIGIT LED DISPLAYS
BT-M301RD YSTONE-BT-M301RD Datasheet
124Kb / 1P
   THREE DIGIT LED DISPLAYS
BT-A531RD YSTONE-BT-A531RD Datasheet
116Kb / 1P
   THREE DIGIT LED DISPLAYS
logo
Rohm
LB-303AK ROHM-LB-303AK_17 Datasheet
360Kb / 5P
   Three-digit LED numeric displays
logo
List of Unclassifed Man...
TOT5361 ETC1-TOT5361 Datasheet
104Kb / 1P
   INCH THREE DIGIT Numeric displays
logo
Micro Electronics
MU356 MICRO-ELECTRONICS-MU356 Datasheet
70Kb / 2P
   0.56 THREE DIGIT NUMBERIC DISPLAYS
MG336A MICRO-ELECTRONICS-MG336A Datasheet
70Kb / 2P
   0.36 THREE DIGIT NUMBERIC DISPLAYS
MS356A MICRO-ELECTRONICS-MS356A Datasheet
81Kb / 2P
   0.56 THREE DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVT-5X1 UOT-UVT-5X1 Datasheet
75Kb / 5P
   0.56 inch ( 14.22 mm ) THREE-DIGIT NUMERIC LED DISPLAYS
logo
Rohm
LB-203BL ROHM-LB-203BL Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com