Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP325C Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP325C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP325C Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP325C Datasheet HTML 1Page - National Semiconductor (TI) COP325C Datasheet HTML 2Page - National Semiconductor (TI) COP325C Datasheet HTML 3Page - National Semiconductor (TI) COP325C Datasheet HTML 4Page - National Semiconductor (TI) COP325C Datasheet HTML 5Page - National Semiconductor (TI) COP325C Datasheet HTML 6Page - National Semiconductor (TI) COP325C Datasheet HTML 7Page - National Semiconductor (TI) COP325C Datasheet HTML 8Page - National Semiconductor (TI) COP325C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
COP424CCOP425CCOP426C and COP444CCOP445C
AC Electrical Characteristics 0 CsTAs70 C unless otherwise specified
Parameter
Conditions
Min
Max
Units
Instruction Cycle Time (tc)
VCCt45V
4
DC
m
s
45VlVCCt24V
16
DC
m
s
Operating CKI
d
4 mode
DC
10
MHz
Frequency
d
8 mode
VCCt45V
DC
20
MHz
d
16 mode
(
DC
40
MHz
d
4 mode
DC
250
kHz
d
8 mode
45VlVCCt24V
DC
500
kHz
d
16 mode
(
DC
10
MHz
Duty Cycle (Note 4)
f1e4 MHz
40
60
%
Rise Time (Note 4)
f1e4 MHz External Clock
60
ns
Fall Time (Note 4)
f1e4 MHz External Clock
40
ns
Instruction Cycle Time
Re30k g5% VCC e 5V
511
m
s
RC Oscillator (Note 4)
Ce82 pF g5% (d4 Mode)
Inputs (See
Figure 3 )
tSETUP
G Inputs
tc4a 7
m
s
SI Input
VCCt 45V
03
m
s
All Others
(
17
m
s
tHOLD
VCCt 45V
025
m
s
45VlVCCt24V
10
m
s
Output Propagation Delay
VOUTe15V CLe100 pF RLe5k
tPD1 tPD0
VCCt 45V
10
m
s
tPD1 tPD0
45VlVCCt24V
40
m
s
Microbus Timing
CLe50 pF VCCe5Vg5%
Read Operation (
Figure 4 )
Chip Select Stable before RD btCSR
65
ns
Chip Select Hold Time for RD btRCS
20
ns
RD Pulse WidthbtRR
400
ns
Data Delay from RD btRD
375
ns
RD to Data Floating btDF (Note 4)
250
ns
Write Operation (
Figure 5 )
Chip Select Stable before WR btCSW
65
ns
Chip Select Hold Time for WR btWCS
20
ns
WR Pulse WidthbtWW
400
ns
Data Set-Up Time for WR btDW
320
ns
Data Hold Time for WR btWD
100
ns
INTR Transition Time from WR btWI
700
ns
Note 1
Supply current is measured after running for 2000 cycle times with a square-wave clock on CKI CKO open and all other pins pulled up to VCC with 5k
resistors See current drain equation on page 17
Note 2
The HALT mode will stop CKI from oscillating in the RC and crystal configurations Test conditions all inputs tied to VCC L lines in TRI-STATE mode and
tied to ground all outputs low and tied to ground
Note 3
When forcing HALT current is only needed for a short time (approx 200 ns) to flip the HALT flip-flop
Note 4
This parameter is only sampled and not 100% tested Variation due to the device included
Note 5
Voltage change must be less than 05 volts ina1ms period
Note 6
SO output sink current must be limited to keep VOL less than 02VCC when part is running in order to prevent entering test mode
4


Similar Part No. - COP325C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP320 NSC-COP320 Datasheet
8Mb / 79P
   COPS Family Users Guide Table of Contents
COP321 NSC-COP321 Datasheet
8Mb / 79P
   COPS Family Users Guide Table of Contents
COP322 NSC-COP322 Datasheet
8Mb / 79P
   COPS Family Users Guide Table of Contents
More results

Similar Description - COP325C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP224C NSC-COP224C Datasheet
325Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
207Kb / 34P
   CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
logo
National Semiconductor ...
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
logo
Zilog, Inc.
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
Asahi Kasei Microsystem...
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
logo
National Semiconductor ...
COP413C NSC-COP413C Datasheet
223Kb / 16P
   Single-Chip CMOS Microcontrollers
COP410C NSC-COP410C Datasheet
313Kb / 20P
   Single-Chip CMOS Microcontrollers
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com