Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C65100 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C65100
Description  Four-port Universal Serial Bus Fixed-function Hub Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65100 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C65100 Datasheet HTML 4Page - Cypress Semiconductor CY7C65100 Datasheet HTML 5Page - Cypress Semiconductor CY7C65100 Datasheet HTML 6Page - Cypress Semiconductor CY7C65100 Datasheet HTML 7Page - Cypress Semiconductor CY7C65100 Datasheet HTML 8Page - Cypress Semiconductor CY7C65100 Datasheet HTML 9Page - Cypress Semiconductor CY7C65100 Datasheet HTML 10Page - Cypress Semiconductor CY7C65100 Datasheet HTML 11Page - Cypress Semiconductor CY7C65100 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CY7C65100
Document #: 38-08021 Rev. **
Page 10 of 12
9.0
Switching Characteristics
10.0
Ordering Information
Parameter
Description
Min.
Max.
Unit
Clock Source
fOSC
Clock Rate
5.985
6.015
MHz
tcyc
Clock Period
166.25
167.08
nsec
tCH
Clock HIGH Time
0.45 tCYC
ns
tCL
Clock LOW Time
0.45 tCYC
ns
USB Full-speed Signaling
tr
Transition Rise Time
4
20
ns
tf
Transition Fall Time
4
20
ns
trfm
Rise/Fall Time Matching; (tr/tf)
90
110
%
tdrate
Full-speed Data Rate
11.97
12.03
Mb/s
USB Low-speed Signaling
tr
Transition Rise Time
75
300
ns
tf
Transition Fall Time
75
300
ns
trfm
Rise/Fall Time Matching; (tr/tf)
80
120
%
tdrate
Low-speed Data Rate
1.4775
1.5225
Mb/s
Ordering Code
Package Name
Description
Operating Range
CY7C65100-SC
S21
28-pin SOIC
Commercial
CLOCK
tCYC
tCL
tCH
Figure 9-1. Clock Timing
90%
10%
90%
10%
D
D
+
tR
tF
Figure 9-2. USB Data Signal Timing


Similar Part No. - CY7C65100

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65113-PC CYPRESS-CY7C65113-PC Datasheet
422Kb / 51P
   USB Hub with Microcontroller
CY7C65113-SC CYPRESS-CY7C65113-SC Datasheet
422Kb / 51P
   USB Hub with Microcontroller
CY7C65113C CYPRESS-CY7C65113C Datasheet
2Mb / 49P
   USB Hub with Microcontroller
CY7C65113C-SXC CYPRESS-CY7C65113C-SXC Datasheet
2Mb / 49P
   USB Hub with Microcontroller
CY7C65113C-SXCT CYPRESS-CY7C65113C-SXCT Datasheet
2Mb / 49P
   USB Hub with Microcontroller
More results

Similar Description - CY7C65100

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
Texas Instruments
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
[Old version datasheet]   UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
logo
NEC
UPD72012 NEC-UPD72012 Datasheet
414Kb / 36P
   HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
logo
NXP Semiconductors
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
PDIUSBH11A PHILIPS-PDIUSBH11A Datasheet
157Kb / 28P
   Universal Serial Bus Hub
1999 Jul 22
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
PDIUSBH11 PHILIPS-PDIUSBH11 Datasheet
146Kb / 26P
   Universal Serial Bus Hub
1997 Aug 01
logo
Texas Instruments
TUSB2046B TI1-TUSB2046B_16 Datasheet
1Mb / 28P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus
logo
NXP Semiconductors
ISP1123 PHILIPS-ISP1123 Datasheet
1Mb / 49P
   Universal Serial Bus compound hub
Rev. 01-5 October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com