Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1FH3 Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part # D1FH3
Description  SCHOTTKY RECTIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D1FH3 Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  D1FH3 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D1FH3 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D1FH3 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D1FH3 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D1FH3 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D1FH3 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D1FH3 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd D1FH3 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd D1FH3 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
0
0.5
1
1.5
2
0
1
2
345
DC
D=0.8
0.5
SIN
0.3
0.2
0.1
0.05
D1FH3
0
tp
IO
T
D=tp/T
Tj = 125°C
Forward Power Dissipation
Average Rectified Forward Current IO [A]


Similar Part No. - D1FH3

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1FH3 SHINDENGEN-D1FH3 Datasheet
558Kb / 2P
   Schottky Barrier Diode
logo
Shenzhen Taychipst Elec...
D1FH3 TAYCHIPST-D1FH3 Datasheet
3Mb / 3P
   Schottky Rectifiers
logo
Shindengen Electric Mfg...
D1FH3 SHINDENGEN-D1FH3_10 Datasheet
558Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - D1FH3

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
K22-NH-E-OK NIUHANG-K22-NH-E-OK Datasheet
1Mb / 3P
   SCHOTTKY RECTIFIERS
MBR2020CT NIUHANG-MBR2020CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com