Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA1-B0-34-615-1B1 Datasheet(PDF) 3 Page - Carling Technologies

Part # AA1-B0-34-615-1B1
Description  CIRUIT BREAKER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

AA1-B0-34-615-1B1 Datasheet(HTML) 3 Page - Carling Technologies

  AA1-B0-34-615-1B1 Datasheet HTML 1Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 2Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 3Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 4Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 5Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 6Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 7Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 8Page - Carling Technologies AA1-B0-34-615-1B1 Datasheet HTML 9Page - Carling Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Email: sales@carlingtech.com Application Support: team2@carlingtech.com
Phone: (860) 793–9281 Fax: (860) 793–9231
www.carlingtech.com
Email: sales@carlingtech.com Application Support: team2@carlingtech.com
Phone: (860) 793–9281 Fax: (860) 793–9231
www.carlingtech.com
| 3
A-Series Circuit Breaker - General Specifications
Electrical Tables
Table A: Lists UL Recognized & CSA Accepted configurations and performance capabilities as a Component Supplementary Protector.
Notes:
1
Requires branch circuit backup with a UL LISTED Type K5 or RK5 fuse (15A minimum) at no more than 4 times the rating of the protector.
2
Same as note 1, except that backup fuse is limited to 80 A maximum.
3
2 pole protector required (with one pole per power line) for: 125/250 VAC, 1 pole protector required for : 125 VAC, 1Ø Power System.
4
Satisfies the requirements of clause 11.2.8.2.5 of CSA STD C22.2 No 100 for the use of supplementary protectors with portable generators.
A-SERIES TABLE A: COMPONENT SUPPLEMENTARY PROTECTORS
Circuit
Configuration
Voltage
Current Rating
Short Circuit Capacity (Amps)
Application Codes
Construction
Notes
Max
Rating
Frequency Phase Full Load
Amps
General
Purpose
Amps
UL / CSA
With Backup
Fuse
Without
Backup Fuse
UL
CSA
Series
32
DC
---
0.02 - 15
---
---
5000
TC1, OL1, U2
TC1, OL1, U2
65
DC
---
31 - 50
---
---
7500
TC1, 2, OL1, U1 TC1, 2, OL1, U1
80
DC
---
0.02 - 30
---
---
7500
TC1, 2, OL1, U1 TC1, 2, OL1, U1
---
31 - 50
---
7500
TC1, 2, OL0, U1 TC1, 2, OL0, U1
125
50 / 60
1
0.02 - 30
---
---
3000
TC1, OL1, U2
TC1, OL1, U2 Rocker Version
125
50 / 60
1
1 - 50
---
---
2000
TC1, OL1, U2
TC1, OL1, U2
125
50 / 60
1 4
1 - 50
---
---
1000
TC1, OL1, U2
TC3, OL1, U3
125 / 250
50 / 60
1 3
0.02 - 30
---
---
3000
TC1, 2, OL1, U2 TC1, 2, OL1, U2 Rocker Version
125 / 250
50 / 60
1 3
0.02 - 50
---
---
3000
TC1, 2, OL1, U2 TC1, 2, OL1, U2 Handle
250
50 / 60
1
0.02 - 30
---
---
1500
TC1, 2, OL0, U2 TC1, 2, OL0, U2 Single Pole Break
0.02 - 30
---
---
3000
TC1, OL1, U2
TC1, OL1, U2 Two Pole Break
---
---
3000
TC1, 2, OL0, U1 TC1, 2, OL0, U1
1 4
1 - 50
---
---
1000
TC1, OL1, U2
TC3, OL1, U3
3
0.02 - 30
---
5000 2
---
TC1, 2, OL1, C1 TC1, 2, OL1, C1
31 - 50
---
2000 1
---
TC1, 2, OL1, C1 TC1, 2, OL1, C1
277
50 / 60
1
0.02 - 30
---
5000 1
---
TC1, 2, OL1, C1 TC1, 2, OL1, C1
Dual Coil
32
DC
---
0.02 - 50
---
---
5000
TC1, OL1, U2
TC1, OL1, U2
65
DC
---
0.02 - 50
---
---
7500
TC1, 2, OL1, U1 TC1, 2, OL1, U1
80
DC
---
0.02 - 30
---
---
7500
TC1, 2, OL1, U1 TC1, 2, OL1, U1
---
31 - 50
---
7500
TC1, 2, OL0, U1 TC1, 2, OL0, U1
125
50 / 60
1
0.02 - 30
---
---
3000
TC1, OL1, U2
TC1, OL1, U2 Rocker Version
1 - 50
---
---
2000
TC1, OL1, U2
TC1, OL1, U2
125
50 / 60
1 4
0.02 - 30
---
---
1000
TC1, OL1, U2
TC3, OL1, U3
125 / 250
50 / 60
1 3
0.02 - 30
---
---
3000
TC1, 2, OL1, U1 TC1, 2, OL1, U1 Rocker Version
125 / 250
50 / 60
1 3
0.02 - 50
---
---
3000
TC1, 2, OL1, U2 TC1, 2, OL1, U2
250
50 / 60
1
0.02 - 30
---
---
1500
TC1, OL0, U2
TC1, OL0, U2 Single Pole Break
1
0.02 - 30
---
---
3000
TC1, OL1, U2
TC1, OL1, U2 Two Pole Break
1
---
31 - 50
---
3000
TC1, 2, OL0, U1 TC1, 2, OL0, U1
1 4
1 - 50
---
---
1000
TC1, OL1, U2
TC3, OL1, U3
3
0.02 - 30
---
5000 2
---
TC1, 2, OL1, C1 TC1, 2, OL1, C1
31 - 50
---
2000 1
---
TC1, 2, OL1, C1 TC1, 2, OL1, C1
277
50 / 60
1
0.02 - 30
---
5000 1
---
TC1, 2, OL1, U1 TC1, 2, OL1, U1
Shunt
80
DC
---
0.02 - 30
---
---
7500
TC1, 2, OL1, U1 TC1, 2, OL1, U1
125 / 250
50 / 60
1
0.02 - 30
---
---
3000
TC1, 2, OL1, U1 TC1, 2, OL1, U1
250
50 / 60
1
0.02 - 30
---
---
3000
TC1, 2, OL1, U1 TC1, 2, OL1, U1
3
0.02 - 30
---
5000 2
---
TC1, 2, OL1, C1 TC1, 2, OL1, C1
277
50 / 60
1
0.02 - 30
---
5000 1
---
TC1, 2, OL1, C1 TC1, 2, OL1, C1
Relay
80
DC
---
0.02 - 30
---
---
7500
TC1, 2, OL1, U1 TC1, 2, OL1, U1
125 / 250
50 / 60
1 3
0.02 - 30
---
---
3000
TC1, 2, OL1, U1 TC1, 2, OL1, U1
250
50 / 60
1
0.02 - 30
---
---
3000
TC1, 2, OL1, U1 TC1, 2, OL1, U1
3
0.02 - 30
---
5000 2
---
TC1, 2, OL1, C1 TC1, 2, OL1, C1
277
50 / 60
1
0.02 - 30
---
5000 1
---
TC1, 2, OL1, C1 TC1, 2, OL1, C1
Switch Only
65
DC
---
0.02 - 50
---
not applicable
80
DC
---
0.02 - 30
---
250
50 / 60
1
---
31 - 50
3
0.02 - 50
---
277
50 / 60
1
0.02 - 30
31 - 50


Similar Part No. - AA1-B0-34-615-1B1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AA100 MICROSEMI-AA100 Datasheet
128Kb / 3P
   SCRs .5 A, Planar
logo
List of Unclassifed Man...
AA100 ETC2-AA100 Datasheet
129Kb / 3P
   Maximum Gate Trigger Current 2,20 or 200uA
logo
New Jersey Semi-Conduct...
AA100 NJSEMI-AA100 Datasheet
145Kb / 2P
   SCRs .5A, Planar
logo
Alpha Industries
AA100-59 ALPHA-AA100-59 Datasheet
38Kb / 2P
   GaAs IC 3 Bit Digital Attenuator 4 dB LSB Positive Control 0.75-2 GHz
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
   GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
More results

Similar Description - AA1-B0-34-615-1B1

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
BA1-B0-34-610-121 CARLINGTECH-BA1-B0-34-610-121 Datasheet
3Mb / 18P
   CIRUIT BREAKER
logo
Rohm
BH7623KS2 ROHM-BH7623KS2 Datasheet
674Kb / 25P
   Slilcon Monolithic integrated ciruit
logo
International Rectifier
IRG4BC30K-SPBF IRF-IRG4BC30K-SPBF Datasheet
271Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Short Ciruit Rated UltraFast IGBT
logo
Molex Electronics Ltd.
0194180008 MOLEX4-0194180008 Datasheet
101Kb / 2P
   MX150L??2 Ciruit Receptacle for 18 to 22 AWG Wire
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com