Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD5227B Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # ZD5227B
Description  500mW Zener Diode Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5227B Datasheet(HTML) 7 Page - Cystech Electonics Corp.

  ZD5227B Datasheet HTML 1Page - Cystech Electonics Corp. ZD5227B Datasheet HTML 2Page - Cystech Electonics Corp. ZD5227B Datasheet HTML 3Page - Cystech Electonics Corp. ZD5227B Datasheet HTML 4Page - Cystech Electonics Corp. ZD5227B Datasheet HTML 5Page - Cystech Electonics Corp. ZD5227B Datasheet HTML 6Page - Cystech Electonics Corp. ZD5227B Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C326SH
Issued Date : 2005.07.27
Revised Date :2017.02.14
Page No. : 7/7
ZD52XXBSH series
CYStek Product Specification
SOD-123 Dimension
Marking:
XX
2
1
Style: Pin 1.Cathode 2.Anode
2-Lead SOD-123 Plastic
Surface Mounted Package
CYStek Package Code: SH
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
1.050
1.250
0.041
0.049
E
2.600
2.800
0.102
0.110
A1
0.000
0.100
0.000
0.004
E1
3.550
3.850
0.140
0.152
A2
1.050
1.115
0.041
0.045
L
0.500 REF
0.020 REF
b
0.450
0.650
0.018
0.026
L1
0.250
0.450
0.010
0.018
c
0.080
0.150
0.003
0.006
θ
D
1.500
1.700
0.059
0.067
Notes: 1.Controlling dimension : millimeters.
2.Lead thickness specified per L/F drawing with solder plating.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - ZD5227B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5227B CYSTEKEC-ZD5227B Datasheet
169Kb / 12P
   Zener Diode Series
ZD5227B CYSTEKEC-ZD5227B Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5227B CYSTEKEC-ZD5227B Datasheet
203Kb / 13P
   Zener Diode Series
ZD5227B CYSTEKEC-ZD5227B Datasheet
229Kb / 15P
   Zener Diode Series
ZD5227B CYSTEKEC-ZD5227B Datasheet
203Kb / 13P
   Zener Diode Series
More results

Similar Description - ZD5227B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5221ASH CYSTEKEC-ZD5221ASH Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD4688BSH CYSTEKEC-ZD4688BSH Datasheet
284Kb / 1P
   500mW Zener Diode Series
ZD4699BSH CYSTEKEC-ZD4699BSH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4705SH CYSTEKEC-ZD4705SH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4684SH CYSTEKEC-ZD4684SH Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD5228ASH CYSTEKEC-ZD5228ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5227BSH CYSTEKEC-ZD5227BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
ZD5223ASH CYSTEKEC-ZD5223ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5234BN3 CYSTEKEC-ZD5234BN3 Datasheet
229Kb / 7P
   500mW Zener Diode Series
ZD5265BSH CYSTEKEC-ZD5265BSH Datasheet
448Kb / 7P
   500mW Zener Diode Series
ZD5228BSH CYSTEKEC-ZD5228BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com