Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP339EER1-0A Datasheet(PDF) 9 Page - Exar Corporation

Part # SP339EER1-0A
Description  RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP339EER1-0A Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP339EER1-0A Datasheet HTML 5Page - Exar Corporation SP339EER1-0A Datasheet HTML 6Page - Exar Corporation SP339EER1-0A Datasheet HTML 7Page - Exar Corporation SP339EER1-0A Datasheet HTML 8Page - Exar Corporation SP339EER1-0A Datasheet HTML 9Page - Exar Corporation SP339EER1-0A Datasheet HTML 10Page - Exar Corporation SP339EER1-0A Datasheet HTML 11Page - Exar Corporation SP339EER1-0A Datasheet HTML 12Page - Exar Corporation SP339EER1-0A Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SP339E
9
REV. 1.0.4
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
TIMING CHARACTERISTICS
UNLESS OTHERWISE NOTED:
VCC = +3.3V ±5% or +5.0V ±5%, C1-C4 = 0.1 F; TA = TMIN to TMAX. Typical values are at VCC = 3.3V, TA = +25°C.
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
ALL MODES
tENABLE
Enable from Shutdown
1000
ns
tSHUTDOWN
Enable to Shutdown
1000
ns
RS-232, DATA RATE = 250kbps (SLEW = Vcc), ONE TRANSMITTER SWITCHING
Maximum Data Rate
250
kbps
RL = 3k , CL = 1000pF
tRHL, tRLH
Receiver Propagation Delay
100
ns
CL = 150pF, Figure 9
tRHL-tRLH
Receiver Propagation Delay Skew
100
ns
tDHL, tDLH
Driver Propagation Delay
1400
ns
RL = 3k , CL = 2500pF,
Figure 10
tDHL-tDLH
Driver Propagation Delay Skew
600
ns
tSHL, tSLH
Transition Region Slew Rate from
+3.0V to -3.0V or -3.0V to +3.0V
4
30
V/ s
VCC = 3.3V, RL = 3k to 7k
CL = 150pF to 2500pF,
Figure 10
tSHL, tSLH
Transition Region Slew Rate from
+3.0V to -3.0V or -3.0V to +3.0V
6
30
V/ s
VCC = 3.3V, RL = 3k to 7k
CL = 150pF to 2500pF,
TA = 25°C, Figure 10
RS-232, DATA RATE = 1Mbps (SLEW = 0V), ONE TRANSMITTER SWITCHING
Maximum Data Rate
1
Mbps
RL = 3k , CL = 250pF
tRHL, tRLH
Receiver Propagation Delay
100
ns
CL = 150pF, Figure 9
tRHL-tRLH
Receiver Propagation Delay Skew
100
ns
tDHL, tDLH
Driver Propagation Delay
300
ns
RL = 3k , CL = 1000pF,
Figure 10
tDHL-tDLH
Driver Propagation Delay Skew
150
ns
tSHL, tSLH
Transition Region Slew Rate from
+3.0V to -3.0V or -3.0V to +3.0V
15
150
V/ s
VCC = 3.3V, RL = 3k to 7k
CL = 150pF to 1000pF,
Figure 10
tSHL, tSLH
Transition Region Slew Rate from
+3.0V to -3.0V or -3.0V to +3.0V
24
150
V/ s
VCC = 3.3V, RL = 3k to 7k
CL = 150pF to 1000pF,
TA = 25°C, Figure 10


Similar Part No. - SP339EER1-0A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-TR EXAR-SP339EER1-TR Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
More results

Similar Description - SP339EER1-0A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com