Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG308A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG308A
Description  Quad Monolithic SPST CMOS Analog Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG308A Datasheet(HTML) 2 Page - Vishay Siliconix

  DG308A Datasheet HTML 1Page - Vishay Siliconix DG308A Datasheet HTML 2Page - Vishay Siliconix DG308A Datasheet HTML 3Page - Vishay Siliconix DG308A Datasheet HTML 4Page - Vishay Siliconix DG308A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DG308A/DG309
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-2
Document Number: 70046
S-52882—Rev. E, 28-Apr-97
ORDERING INFORMATION
Temp Range
Package
Part Number
0 to 70
_C
16-Pin Plastic DIP
DG308ACJ
0 to 70
_C
16-Pin Plastic DIP
DG309CJ
40
85 C
16-Pin Narrow SOIC
DG308ADY
–40 to 85
_C
16-Pin Narrow SOIC
DG309DY
–40 to 85
_C
16-Pin TSSOP
DG308ADQ
16-Pin TSSOP
DG309DQ
–55 to 125
_C
16-Pin CerDIP
DG308AAK/883
–55 to 125
_C
16-Pin CerDIP
DG309AK/883
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to V–
V+
44 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa, VS, VD
(V–) –2 V to (V+) +2V or
. . . . . . . . . . . . . . . . . . . . . . . . .
20 mA, whichever occurs first
Current, Any Terminal Except S or D
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current, S or D
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Pulsed at 1 ms, 10% duty cycle max)
70 mA
. . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
(AK Suffix)
–65 to 150
_C
. . . . . . . . . . . . . . . . . .
(CJ, DY, and DQ Suffix)
–65 to 125
_C
. . . . . . .
Power Dissipationb
16-Pin Plastic DIPc
470 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin Narrow SOIC and TSSOPe
600 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin Cerdipd
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V– will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 12 mW/
_C above 75_C
d.
Derate 6.5 mW/
_C above 25_C
e.
Derate 7.6 mW/
_C above 75_C
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
FIGURE 1.
Level
Shift/
Drive
VIN
S
V+
GND
V–
D
V–
V+


Similar Part No. - DG308A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG308A INTERSIL-DG308A Datasheet
113Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
November 1999
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
logo
Intersil Corporation
DG308A INTERSIL-DG308A Datasheet
187Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
logo
Vishay Siliconix
DG308A VISHAY-DG308A Datasheet
99Kb / 6P
   Quad Monolithic SPST CMOS Analog Switches
Rev. F, 11-Jun-07
DG308A VISHAY-DG308A Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
More results

Similar Description - DG308A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com