Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG185 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG185
Description  High-Speed Drivers and Dual DPST JFET Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG185 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG185 Datasheet HTML 1Page - Vishay Siliconix DG185 Datasheet HTML 2Page - Vishay Siliconix DG185 Datasheet HTML 3Page - Vishay Siliconix DG185 Datasheet HTML 4Page - Vishay Siliconix DG185 Datasheet HTML 5Page - Vishay Siliconix DG185 Datasheet HTML 6Page - Vishay Siliconix DG185 Datasheet HTML 7Page - Vishay Siliconix DG185 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DG183/184/185
Vishay Siliconix
Document Number: 70032
S-52895—Rev. D, 16-Jun-97
www.vishay.com
S FaxBack 408-970-5600
4-5
SPECIFICATIONSa FOR DG185
Test Conditions
Unless Otherwise Specified
A Suffix
–55 to 125
_C
B Suffix
–25 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V, VL = 5 V
VR = 0 V, VIN = 0.8 V or 2 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–10
15
–10
15
V
Drain-Source
On-Resistance
rDS(on)
IS = –10 mA, VD = –7.5 V
Room
Full
35
75
150
100
150
W
Source Off
Lk
C
t
IS(off)
VS = "10 V, VD = #10 V
V+ = 10 V, V– = –20 V
Room
Hot
0.05
1
100
5
100
A
Leakage Current
IS(off)
VS = "10 V, VD = #10 V
Room
Hot
0.07
1
100
5
100
A
Drain Off
Lk
C
t
ID(off)
VS = "10 V, VD = #10 V
V+ = 10 V, V– = –20 V
Room
Hot
0.4
1
100
5
100
nA
Leakage Current
ID(off)
VS = "10 V, VD = #10 V
Room
Hot
0.3
1
100
5
100
Channel On
Leakage Current
ID(on)
VD = VS = "10 V
Room
Hot
–0.03
–2
–200
–10
–200
Digital Input
Input Current with
Input Voltage High
IINH
VIN = 5 V
Room
Hot
<0.01
10
20
10
20
mA
Input Current with
Input Voltage Low
IINL
VIN = 0 V
Full
–30
–250
–250
mA
Dynamic Characteristics
Turn-On Time
ton
See Switching Time Test Circuit
Room
120
250
300
ns
Turn-Off Time
toff
See Switching Time Test Circuit
Room
100
130
150
ns
Source-Off Capacitance
CS(off)
f1 MH
VS = –5 V, ID = 0
Room
9
F
Drain-Off Capacitance
CD(off)
f = 1 MHz
VD = –5 V, IS = 0
Room
6
pF
Channel-On Capacitance
CD(on)
VD = VS = 0 V
Room
14
Off Isolation
OIRR
f = 1 MHz, RL = 75 W
Room
>50
dB
Power Supplies
Positive Supply Current
I+
V0 V
5 V
Room
0.6
3
3
A
Negative Supply Current
I–
VIN = 0 V, or 5 V
Room
–2.7
–5.5
–5.5
mA
Logic Supply Current
IL
VIN = 0 V, or 5 V
Room
3.1
4.5
4.5
mA
Reference Supply Current
IR
Room
–1
–2
–2
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.


Similar Part No. - DG185

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG185 TEMIC-DG185 Datasheet
113Kb / 8P
   High-Speed Drivers with Dual DPST JFET Switches
logo
Intersil Corporation
DG185 INTERSIL-DG185 Datasheet
4Mb / 122P
   P-CHANNEL JFET
DG185 INTERSIL-DG185 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
Vishay Siliconix
DG185 VISHAY-DG185 Datasheet
89Kb / 9P
   High-Speed Drivers and Dual DPST JFET Switches
18-Jul-08
logo
Intersil Corporation
DG185AP INTERSIL-DG185AP Datasheet
75Kb / 9P
   High-Speed Drivers with JFET Switch
April 1999
More results

Similar Description - DG185

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG183 VISHAY-DG183_V01 Datasheet
89Kb / 9P
   High-Speed Drivers and Dual DPST JFET Switches
18-Jul-08
logo
TEMIC Semiconductors
DG183 TEMIC-DG183 Datasheet
113Kb / 8P
   High-Speed Drivers with Dual DPST JFET Switches
logo
Vishay Siliconix
DG189 VISHAY-DG189_V01 Datasheet
111Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
18-Jul-08
DG189 VISHAY-DG189 Datasheet
127Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
Rev. D, 20-Jun-05
DG180 VISHAY-DG180 Datasheet
84Kb / 8P
   High-Speed Drivers with Dual SPST JFET Switches
Rev. D, 16-Jun-97
DG180 VISHAY-DG180_V01 Datasheet
91Kb / 9P
   High-Speed Drivers with Dual SPST JFET Switches
18-Jul-08
DG188 VISHAY-DG188 Datasheet
89Kb / 8P
   High-Speed Drivers with SPDT JFET Switches
Rev. E, 16-Jun-97
DG186 VISHAY-DG186_V01 Datasheet
88Kb / 9P
   High-Speed Drivers with SPDT JFET Switches
18-Jul-08
logo
ON Semiconductor
NLAS5213 ONSEMI-NLAS5213 Datasheet
139Kb / 11P
   1??RON DPST and Dual SPST Switches
January, 2009 ??Rev. 2
logo
Intersil Corporation
DG426 INTERSIL-DG426 Datasheet
213Kb / 4P
   2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com