Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2031DQ-T1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2031DQ-T1
Description  Low-Voltage, Sub 1, Dual SPDT Analog Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2031DQ-T1 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2031DQ-T1 Datasheet HTML 1Page - Vishay Siliconix DG2031DQ-T1 Datasheet HTML 2Page - Vishay Siliconix DG2031DQ-T1 Datasheet HTML 3Page - Vishay Siliconix DG2031DQ-T1 Datasheet HTML 4Page - Vishay Siliconix DG2031DQ-T1 Datasheet HTML 5Page - Vishay Siliconix DG2031DQ-T1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DG2031
Vishay Siliconix
www.vishay.com
4
Document Number: 71966
S-41158—Rev. E, 21-Jun-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
−350
−250
−150
−50
50
150
250
350
0
1234
5
Charge Injection vs. Analog Voltage
VCOM − Analog Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
012
34
567
Switching Threshold vs. Supply Voltage
V+ − Supply Voltage (V)
100 K
−90
10 M
10
−70
−50
100 M
1 G
1 M
Insertion Loss, Off-Isolation
Crosstalk vs. Frequency
Frequency (Hz)
0
10
20
30
40
50
60
70
80
−60
−40
−20
0
20
40
60
80
100
Switching Time vs. Temperature
NO Switch
RL = 50 W
tON V+ = 3 V
tOFF V+ = 5 V
tOFF V+ = 3 V
tON V+ = 5 V
−30
−10
V+ = 5 V
V+ = 3 V
LOSS
OIRR
XTALK
V+ = 5 V
RL = 50 W
Temperature (_C)
tON V+ = 2 V
tOFF V+ = 2 V
0
10
20
30
40
50
60
70
80
−60
−40
−20
0
20
40
60
80
100
Switching Time vs. Temperature
NC Switch
RL = 50 W
tOFF V+ = 3 V
tONV+ = 5 V
Temperature (_C)
tON V+ = 2 V
tOFF V+ = 2 V
tON V+ = 3 V
tOFF V+ = 5 V
Loss


Similar Part No. - DG2031DQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2031 VISHAY-DG2031 Datasheet
81Kb / 7P
   Low-Voltage, Sub 1-, Dual SPDT Analog Switch
18-Jul-08
DG2031 VISHAY-DG2031_V01 Datasheet
81Kb / 7P
   Low-Voltage, Sub 1-, Dual SPDT Analog Switch
18-Jul-08
More results

Similar Description - DG2031DQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2031 VISHAY-DG2031_V01 Datasheet
81Kb / 7P
   Low-Voltage, Sub 1-, Dual SPDT Analog Switch
18-Jul-08
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
logo
Analog Microelectronics
AME4621 AME-AME4621 Datasheet
70Kb / 12P
   1-Ohm Low Voltage Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
logo
Union Semiconductor, In...
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
   Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com