Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG309DQ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG309DQ
Description  Quad Monolithic SPST CMOS Analog Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG309DQ Datasheet(HTML) 1 Page - Vishay Siliconix

  DG309DQ Datasheet HTML 1Page - Vishay Siliconix DG309DQ Datasheet HTML 2Page - Vishay Siliconix DG309DQ Datasheet HTML 3Page - Vishay Siliconix DG309DQ Datasheet HTML 4Page - Vishay Siliconix DG309DQ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IN1
IN2
D1
D2
S1
S2
V–
V+
GND
NC
S4
S3
D4
D3
IN4
IN3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
DG308A
DG308A/DG309
Vishay Siliconix
Document Number: 70046
S-52882—Rev. E, 28-Apr-97
www.vishay.com
S FaxBack 408-970-5600
4-1
Quad Monolithic SPST CMOS Analog Switches
FEATURES
BENEFITS
APPLICATIONS
D "15-V Analog Input Range
D Low On-Resistance: 60 W
D Fast Switching: 130 ns
D Low Power Dissipation: 30 nW
D CMOS Logic Compatible
D Full Rail-to-Rail Analog Signal Range
D Low Signal Error
D Wide Dynamic Range
D Single or Dual Supply Capability
D Static Protected Logic Inputs
D Space Savings (TSSOP)
D Portable and Battery Powered
Instrumentation
D Communication Systems
D Computer Peripherals
D High-Speed Multiplexing
DESCRIPTION
Featuring low on-resistance (60
W) and fast switching
(130 ns), the DG308A is supplied in the “normally open”
configuration while DG309 is supplied “normally closed.” Input
thresholds are high voltage CMOS compatible.
Designed with the Vishay Siliconix PLUS-40 CMOS process
to combine low power dissipation with a high breakdown
voltage rating of 44 V, each switch conducts equally well in
both directions when on, and blocks up to the supply voltage
when off. An epitaxial layer prevents latch up.
The DG308B/309B upgrades are recommended for new
designs.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Four SPST Switches per Package
TRUTH TABLE
Logic
DG308A
DG309
0
OFF
ON
1
ON
OFF
Logic “0”
v 3.5 V
Logic “1”
w 11 V


Similar Part No. - DG309DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG309DQ VISHAY-DG309DQ Datasheet
99Kb / 6P
   Quad Monolithic SPST CMOS Analog Switches
Rev. F, 11-Jun-07
DG309DQ VISHAY-DG309DQ Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
DG309DQ-E3 VISHAY-DG309DQ-E3 Datasheet
99Kb / 6P
   Quad Monolithic SPST CMOS Analog Switches
Rev. F, 11-Jun-07
DG309DQ-E3 VISHAY-DG309DQ-E3 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
DG309DQ-T1 VISHAY-DG309DQ-T1 Datasheet
99Kb / 6P
   Quad Monolithic SPST CMOS Analog Switches
Rev. F, 11-Jun-07
More results

Similar Description - DG309DQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com