Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG309DQ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG309DQ
Description  Quad Monolithic SPST CMOS Analog Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG309DQ Datasheet(HTML) 5 Page - Vishay Siliconix

  DG309DQ Datasheet HTML 1Page - Vishay Siliconix DG309DQ Datasheet HTML 2Page - Vishay Siliconix DG309DQ Datasheet HTML 3Page - Vishay Siliconix DG309DQ Datasheet HTML 4Page - Vishay Siliconix DG309DQ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DG308A/DG309
Vishay Siliconix
Document Number: 70046
S-52882—Rev. E, 28-Apr-97
www.vishay.com
S FaxBack 408-970-5600
4-5
TEST CIRCUITS
FIGURE 2. Switching Time
50%
0 V
12 V
tOFF
tON
VO
tr <20 ns
tf <20 ns
Logic
Input
Switch
Output
90%
CL
35 pF
RL
1 k
W
VO = VS
RL + rDS(on)
RL
VS = +3 V
VO
V–
V+
IN
S
D
12 V
–15 V
GND
+15 V
APPLICATIONS
Single Supply Operation
The DG308A and DG309 will switch positive analog signals
while using a single positive supply. This will allow use in many
applications where only one supply is available. The trade-offs
or performance given up while using single supplies are:
1) increased rDS(on) and 2) slower switching speed. As stated
in the absolute maximum ratings section of the data sheet, the
analog voltage should not go above or below the supply
voltages which in single supply operation are V+ and 0 V.


Similar Part No. - DG309DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG309DQ VISHAY-DG309DQ Datasheet
99Kb / 6P
   Quad Monolithic SPST CMOS Analog Switches
Rev. F, 11-Jun-07
DG309DQ VISHAY-DG309DQ Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
DG309DQ-E3 VISHAY-DG309DQ-E3 Datasheet
99Kb / 6P
   Quad Monolithic SPST CMOS Analog Switches
Rev. F, 11-Jun-07
DG309DQ-E3 VISHAY-DG309DQ-E3 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
DG309DQ-T1 VISHAY-DG309DQ-T1 Datasheet
99Kb / 6P
   Quad Monolithic SPST CMOS Analog Switches
Rev. F, 11-Jun-07
More results

Similar Description - DG309DQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com