Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C330C334KBR5TA Datasheet(PDF) 1 Page - Kemet Corporation

Part # C330C334KBR5TA
Description  Ceramic, Commercial Grade, GoldMax, 0.33 uF, 10%, 630 V, X7R, Lead Spacing = 5.08mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C330C334KBR5TA Datasheet(HTML) 1 Page - Kemet Corporation

  C330C334KBR5TA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - ff1314ef-6f7a-4dc5-96f3-7ae3e0adfc23
KEMET Part Number: C330C334KBR5TA
Ceramic, Commercial Grade, GoldMax, 0.33 uF, 10%, 630 V, X7R, Lead Spacing = 5.08mm
Dimensions
L
7.62mm MAX
H
9.14mm MAX
T
5.08mm MAX
S
5.08mm NOM
LL
7mm MIN
F
0.51mm NOM
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 250
General Information
Style: Radial
Series: GoldMax
Description: GoldMax, Commercial Standard
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Specifications
Capacitance: 0.33 uF
Capacitance Tolerance: 10%
Voltage DC: 630 VDC
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 3.03 GOhms
Dielectric Strength: 945 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C330C334KBR5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C330C334K1R5TA KEMET-C330C334K1R5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.33 uF, 10%, 100 V, X7R, Lead Spacing = 5.08mm
C330C334K5R5TA KEMET-C330C334K5R5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.33 uF, 10%, 50 V, X7R, Lead Spacing = 5.08mm
More results

Similar Description - C330C334KBR5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C330C334K1R5TA KEMET-C330C334K1R5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.33 uF, 10%, 100 V, X7R, Lead Spacing = 5.08mm
C330C334K5R5TA KEMET-C330C334K5R5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.33 uF, 10%, 50 V, X7R, Lead Spacing = 5.08mm
C317C472KBR5TA KEMET-C317C472KBR5TA Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 4700 pF, 10%, 630 V, X7R, Lead Spacing = 5.08mm
C317C822KBR5TA KEMET-C317C822KBR5TA Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 8200 pF, 10%, 630 V, X7R, Lead Spacing = 5.08mm
C320C334K5R5TA KEMET-C320C334K5R5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 0.33 uF, 10%, 50 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C322C683KBR5TA KEMET-C322C683KBR5TA Datasheet
59Kb / 1P
   GoldMax 300 Comm X7R HV, Ceramic, 0.068 uF, 10%, 630 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C322C104K5R5TA KEMET-C322C104K5R5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.1 uF, 10%, 50 V, X7R, Lead Spacing = 5.08mm
C322C224K5R5TA KEMET-C322C224K5R5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.22 uF, 10%, 50 V, X7R, Lead Spacing = 5.08mm
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301_17 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.1 uF, 10%, 50 V, X7R, Lead Spacing = 5.08mm
2017/04/20
C317C333K5R5TA KEMET-C317C333K5R5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.033 uF, 10%, 50 V, X7R, Lead Spacing = 5.08mm
2017/06/29
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com