Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAQ6116 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # DAQ6116
Description  0.1 TO 6.0 GHz PEAK TO PEAK ANALOG DETECTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DAQ6116 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  DAQ6116 Datasheet HTML 1Page - Teledyne Technologies Incorporated DAQ6116 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
MAXIMUM RATINGS
APPLICATION NOTES
Rev. 5/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
0.1 TO 6.0 GHz
PEAK TO PEAK ANALOG DETECTOR
SM-25 for Detectors
DAQ6116
DAQ6116
DAS6116
SMTO-8 Package for Detectors
Typical Values @ +25 °C
DAQ6116
Wide Frequency Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.05 to 8.0 GHz
Wide Power Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –5.0 to +25.0 dBm
Temperature Stability . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
± 0.5 dB
Flatness . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
± 0.5 dB
Low VSWR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.5:1
Even Order Harmonics Supression. . . . . . . . . . . . . . . . . . .
40 dB
No Power Supply Required / Zero Bias
Cougar Q Package or Standard SMTO-8 package
Continuous RF Input Power . . . . . . . . . . . . . . . . . . . . .
+25.0 dBm
Operating Case Temperature . . . . . . . . . . . . . . . . . . . .
-55 °C to +150 °C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . .
-65 °C to +150 °C
Burn-In Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Detector Thermal Resistance1 (θjc)
. . . . . . . . . . . . . . .
+1000 °C/Watt
Temperature Rise @ 20 dBm (Tjc) . . . . . . . . . . . . . . . .
+4 °C
Temperature Rise @ 25 dBm (Tjc) . . . . . . . . . . . . . . . .
+68 °C
1 Thermal resistance is based on total power dissipation. Ratings based on +25 °C.
DAQ6116 is configured using two anti-parallel connected schottky diodes to form an
unbiased peak to peak microwave detector with a differential output voltage.
The harmonic distortion reflected back to the system can be significantly lower than single
ended design because all even order harmonics are suppressed, typically > 40 dB.
The output voltage (differential) is a closer representation of the true rms power of
modulated or distorted signals because both positive and negative waveform peaks are
detected.
The DAQ6116 is intended for higher level detection applications (> 0 dBm) requiring good
temperature stability and harmonic suppression.
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
0.05-8.0 GHz
0.1-6.0 GHz
0.1-6.0 GHz
Input Power Range (Min.)
-5 to +25 dBm
0 to +20 dBm
0 to +20 dBm
VSWR (Max.)
1.5:1
2.0:1
2.0:1
Sensitivity, Vout (Min.)
180 mV†
120 mV†
90 mV†
Power Flatness (Max.)
±0.5 dB
±0.75 dB
±0.75 dB
Temperature Stability (Max.)
±0.5 dB^
±0.5 dB^
Pulse Response, Pin > +10 dBm
360 µsec‡
25/500 µsec‡
25/500 µsec‡
Pulse Response, Pin = 0 to +10 dBm
380 µsec‡
500/500 µsec‡
500/500 µsec‡
* Measured in a 50-Ohm system and R load = 1 MOhm unless otherwise specified.
† Pin = 0 dBm. ^ Vout = 1.0 V. ‡ Tr/Tf, 50% RF to 90% or 10% Video, Rload = 80 KOhms.


Similar Part No. - DAQ6116

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DAQ6101 TELEDYNE-DAQ6101 Datasheet
267Kb / 2P
   0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6103 TELEDYNE-DAQ6103 Datasheet
264Kb / 2P
   0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6104 TELEDYNE-DAQ6104 Datasheet
262Kb / 2P
   0.1 TO 6.0 GHz ANALOG DETECTOR
More results

Similar Description - DAQ6116

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DAQ6103 TELEDYNE-DAQ6103 Datasheet
264Kb / 2P
   0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6101 TELEDYNE-DAQ6101 Datasheet
267Kb / 2P
   0.1 TO 6.0 GHz ANALOG DETECTOR
DAQ6104 TELEDYNE-DAQ6104 Datasheet
262Kb / 2P
   0.1 TO 6.0 GHz ANALOG DETECTOR
DTQ6001 TELEDYNE-DTQ6001 Datasheet
269Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS6015 TELEDYNE-DTS6015 Datasheet
288Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS6014 TELEDYNE-DTS6014 Datasheet
292Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
logo
Guerrilla RF, Inc.
GRF1201W GUERRILLA-GRF1201W Datasheet
1,023Kb / 14P
   Log Average Power Detector 0.1 to 6.0 GHz
06/15/21
GRF1201 GUERRILLA-GRF1201 Datasheet
856Kb / 13P
   Log Average Power Detector 0.1 to 6.0 GHz
logo
Teledyne Technologies I...
DACP18001 TELEDYNE-DACP18001 Datasheet
251Kb / 2P
   0.1 TO 18.0 GHz ULTRA BROADBAND ANALOG DETECTOR
PSD600125 TELEDYNE-PSD600125 Datasheet
90Kb / 4P
   Surface Mount Analog Level Detector 1.5 to 6.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com