Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56F801-7UM Datasheet(PDF) 3 Page - Motorola, Inc

Part # DSP56F801-7UM
Description  16-bit Digital Signal Processor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56F801-7UM Datasheet(HTML) 3 Page - Motorola, Inc

  DSP56F801-7UM Datasheet HTML 1Page - Motorola, Inc DSP56F801-7UM Datasheet HTML 2Page - Motorola, Inc DSP56F801-7UM Datasheet HTML 3Page - Motorola, Inc DSP56F801-7UM Datasheet HTML 4Page - Motorola, Inc DSP56F801-7UM Datasheet HTML 5Page - Motorola, Inc DSP56F801-7UM Datasheet HTML 6Page - Motorola, Inc DSP56F801-7UM Datasheet HTML 7Page - Motorola, Inc DSP56F801-7UM Datasheet HTML 8Page - Motorola, Inc DSP56F801-7UM Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
DSP56F801 Description
MOTOROLA
DSP56F801 Preliminary Technical Data
3
Serial Peripheral Interface (SPI) with configurable four-pin port (or four additional GPIO lines)
Eleven multiplexed General Purpose I/O (GPIO) pins
Computer-Operating Properly (COP) watchdog timer
One dedicated external interrupt pin
External reset pin for hardware reset
JTAG/On-Chip Emulation (OnCE™) for unobtrusive, processor speed-independent debugging
Software-programmable, Phase Lock Loop-based frequency synthesizer for the DSP core clock
Oscillator flexibility between either an external crystal oscillator or an on-chip relaxation oscillator
for lower system cost and two additional GPIO lines
1.1.4
Energy Information
Fabricated in high-density CMOS with 5V tolerant, TTL-compatible digital inputs
Uses a single 3.3V power supply
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
Wait and Stop modes available
1.2 DSP56F801 Description
The DSP56F801 is a member of the DSP56800 core-based family of Digital Signal Processors (DSPs). It
combines, on a single chip, the processing power of a DSP and the functionality of a microcontroller with
a flexible set of peripherals to create an extremely cost-effective solution. Because of its low cost,
configuration flexibility, and compact program code, the DSP56F801 is well-suited for many applications.
The DSP56F801 includes many peripherals that are especially useful for applications such as motion
control, smart appliances, steppers, encoders, tachometers, limit switches, power supply and control,
automotive control, engine management, noise suppression, remote utility metering, and industrial control
for power, lighting, and automation.
The DSP56800 core is based on a Harvard-style architecture consisting of three execution units operating
in parallel, allowing as many as six operations per instruction cycle. The microprocessor-style programming
model and optimized instruction set allow straightforward generation of efficient, compact code for both
DSP and MCU applications. The instruction set is also highly efficient for C compilers to enable rapid
development of optimized control applications.
The DSP56F801 supports program execution from either internal or external memories. Two data operands
can be accessed from the on-chip data RAM per instruction cycle. The DSP56F801 also provides one
external dedicated interrupt lines and up to 11 General Purpose Input/Output (GPIO) lines, depending on
peripheral configuration.
The DSP56F801 DSP controller includes 8K words (16-bit) of program Flash and 2K words of Data Flash
(each programmable through the JTAG port) with 1K words of both program and data RAM. A total of 2K
words of Boot Flash is incorporated for easy customer-inclusion of field-programmable software routines
that can be used to program the main program and data flash memory areas. Both program and data flash
memories can be independently bulk erased or erased in page sizes of 256 words. The Boot Flash memory
can also be either bulk or page erased.
A key application-specific feature of the DSP56F801 is the inclusion of a Pulse Width Modulator (PWM)
module. This modules incorporates six complementary, individually programmable PWM signal outputs to


Similar Part No. - DSP56F801-7UM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F801-7UM MOTOROLA-DSP56F801-7UM Datasheet
858Kb / 44P
   56F801 16-bit Hybrid Controller
logo
NXP Semiconductors
DSP56F801-7UM NXP-DSP56F801-7UM Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
Freescale Semiconductor...
DSP56F801-7UM FREESCALE-DSP56F801-7UM Datasheet
622Kb / 48P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
DSP56F801-7UM NXP-DSP56F801-7UM Datasheet
1Mb / 40P
   16-bit Digital Signal Controllers
Rev. 9 01/2007
logo
Freescale Semiconductor...
DSP56F801-7UM FREESCALE-DSP56F801-7UM Datasheet
856Kb / 40P
   16-bit Digital Signal Controllers
More results

Similar Description - DSP56F801-7UM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56603 FREESCALE-DSP56603 Datasheet
247Kb / 4P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56156 MOTOROLA-DSP56156 Datasheet
1,020Kb / 76P
   16-bit Digital Signal Processor
logo
Zilog, Inc.
Z89390 ZILOG-Z89390 Datasheet
74Kb / 11P
   16-BIT DIGITAL SIGNAL PROCESSOR
Z89C00 ZILOG-Z89C00 Datasheet
179Kb / 28P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F802 MOTOROLA-DSP56F802 Datasheet
386Kb / 32P
   DSP56F802 16-bit Digital Signal Processor
DSP56852 MOTOROLA-DSP56852 Datasheet
1,004Kb / 44P
   DSP56852 16-bit Digital Signal Processor
DSP56824DS MOTOROLA-DSP56824DS Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
   16-BIT DSP DIGITAL SIGNAL PROCESSOR
logo
NXP Semiconductors
DSP56824 NXP-DSP56824 Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
Rev. 2.0, 01/2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com