Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1502 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # LC1502
Description  5.0 TO 1500 MHz TO-8 LIMITER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

LC1502 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  LC1502 Datasheet HTML 1Page - Teledyne Technologies Incorporated LC1502 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
LC1502
F R E Q U E N C Y - M H z
5
50
100
200
300
600
900
1200
1500
1700
10
50
100
200
300
600
900
1200
1500
1700
Gain Vcc = 15
F R E Q U E N C Y - M H z
3 . 0
2 . 0
1 . 0
0 . 0
- 1 . 0
- 2 . 0
0 . 0
- 1 . 0
- 2 . 0
- 3 . 0
- 4 . 0
LC1502
Maximum Limiting Output Level @ +20 dBM In
+ 2 0 V d c
+ 1 5 V d c
+ 1 0 V d c
20
50
100
200
300
600
900
1200
1500
1700
F R E Q U E N C Y - M H z
2 . 0
1 . 5
1 . 0
0 . 5
0 . 0
Input/Output VSWR
Model: LC1502
Vcc=+15V
Icc=8.02
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.68
1.68
-1.93
15
-1.90
50
1.17
1.17
-1.64
-2
-1.60
100
1.16
1.16
-1.66
-7
0.25
-1.70
200
1.17
1.17
-1.70
-14
0.21
-1.70
300
1.17
1.17
-1.74
-22
0.20
-1.70
400
1.17
1.18
-1.80
-29
0.20
-1.80
500
1.16
1.18
-1.87
-36
0.20
-1.90
600
1.16
1.18
-1.93
-43
0.19
-1.90
700
1.16
1.18
-1.94
-49
0.19
-1.90
800
1.15
1.18
-1.95
-56
0.19
-1.90
900
1.15
1.18
-1.96
-63
0.19
-2.00
1000
1.14
1.18
-1.97
-71
0.20
-2.00
1100
1.13
1.18
-1.99
-78
0.20
-2.00
1200
1.13
1.18
-2.02
-85
0.20
-2.00
1300
1.13
1.18
-2.05
-92
0.20
-2.00
1400
1.13
1.19
-2.10
-99
0.19
-2.10
1500
1.14
1.2
-2.13
-107
0.20
-2.10
1600
1.15
1.2
-2.18
-114
0.20
-2.20
1700
1.16
1.21
-2.19
-121
0.21
-2.20
LINEAR S-PARAMETERS
Model: LC1502
Vcc=+15V
Icc=8.02
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG.
5
0.25
-59.1
0.80
15.3
0.800
15.2
0.25
-59.3
50
0.08
-18.3
0.83
-2.2
0.828
-2.2
0.08
-18.5
100
0.08
-12.7
0.83
-6.7
0.826
-6.7
0.08
-12.5
200
0.08
-13.7
0.82
-14.3
0.822
-14.3
0.08
-13.7
300
0.08
-18.7
0.82
-21.6
0.818
-21.6
0.08
-19.2
400
0.08
-24.5
0.81
-28.8
0.812
-28.8
0.08
-26.1
500
0.08
-33.3
0.81
-35.8
0.806
-35.8
0.08
-35.3
600
0.08
-42.2
0.80
-42.6
0.800
-42.6
0.08
-47.2
700
0.07
-51.2
0.80
-49.4
0.799
-49.4
0.08
-59.4
800
0.07
-64.1
0.80
-56.3
0.800
-56.3
0.08
-68.5
900
0.07
-76.7
0.80
-63.3
0.799
-63.3
0.08
-79.7
1000
0.06
-88.6
0.80
-70.5
0.797
-70.5
0.08
-89.7
1100
0.06
-104.2
0.79
-77.7
0.794
-77.7
0.08
-100.8
1200
0.06
-119.4
0.79
-84.8
0.793
-84.9
0.08
-111.4
1300
0.06
-132.0
0.79
-92.2
0.790
-92.2
0.08
-122.7
1400
0.06
-148.7
0.78
-99.2
0.786
-99.3
0.09
-133.3
1500
0.07
-163.0
0.78
-106.6
0.782
-106.7
0.09
-144.0
1600
0.07
-176.2
0.78
-113.8
0.778
-113.8
0.09
-154.7
1700
0.07
170.6
0.78
-121.2
0.776
-121.2
0.09
-164.2
Model: LC1502
Vcc=+12V
Icc=6.37
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.68
1.68
-2.07
15
-2.10
50
1.20
1.2
-1.79
-2
-1.80
100
1.20
1.2
-1.81
-7
0.25
-1.80
200
1.20
1.2
-1.85
-14
0.21
-1.80
300
1.20
1.21
-1.89
-22
0.20
-1.90
400
1.20
1.21
-1.95
-29
0.20
-2.00
500
1.20
1.21
-2.01
-36
0.20
-2.00
600
1.20
1.22
-2.07
-43
0.19
-2.10
700
1.19
1.22
-2.09
-49
0.19
-2.10
800
1.18
1.21
-2.09
-56
0.19
-2.10
900
1.18
1.21
-2.11
-63
0.20
-2.10
1000
1.17
1.21
-2.11
-71
0.20
-2.10
1100
1.16
1.21
-2.14
-78
0.20
-2.10
1200
1.16
1.21
-2.17
-85
0.20
-2.20
1300
1.15
1.21
-2.20
-92
0.21
-2.20
1400
1.15
1.22
-2.26
-99
0.20
-2.20
1500
1.16
1.22
-2.28
-107
0.21
-2.30
1600
1.16
1.23
-2.34
-114
0.20
-2.30
1700
1.17
1.23
-2.35
-121
0.20
-2.40
LINEAR S-PARAMETERS
Model: LC1502
Vcc=+12V
Icc=6.37
FREQ
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.26
-56.1
0.79
15.0
0.788
15
0.25
-56.1
50
0.09
-15.8
0.81
-2.2
0.813
-2.2
0.09
-15.9
100
0.09
-11.6
0.81
-6.6
0.811
-6.7
0.09
-11.6
200
0.09
-13.4
0.81
-14.3
0.808
-14.3
0.09
-14.0
300
0.09
-18.9
0.80
-21.6
0.804
-21.6
0.09
-19.5
400
0.09
-25.2
0.80
-28.8
0.799
-28.8
0.10
-26.7
500
0.09
-33.6
0.79
-35.8
0.793
-35.8
0.10
-35.3
600
0.09
-41.8
0.79
-42.7
0.787
-42.6
0.10
-46.0
700
0.09
-50.9
0.79
-49.4
0.786
-49.4
0.10
-57.6
800
0.08
-63.1
0.79
-56.3
0.786
-56.4
0.10
-66.8
900
0.08
-74.5
0.78
-63.4
0.785
-63.4
0.09
-77.3
1000
0.08
-85.3
0.78
-70.6
0.784
-70.6
0.09
-86.5
1100
0.07
-99.4
0.78
-77.7
0.781
-77.7
0.09
-96.9
1200
0.07
-113.3
0.78
-84.9
0.780
-84.9
0.10
-107.4
1300
0.07
-125.0
0.78
-92.3
0.776
-92.3
0.10
-118.3
1400
0.07
-140.6
0.77
-99.3
0.773
-99.4
0.10
-128.5
1500
0.07
-154.4
0.77
-106.7
0.769
-106.7
0.10
-138.8
1600
0.08
-167.8
0.76
-113.9
0.765
-113.9
0.10
-149.2
1700
0.08
178.3
0.76
-121.2
0.763
-121.3
0.10
-158.6


Similar Part No. - LC1502

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC150 MICROSEMI-LC150 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC150 MICROSEMI-LC150 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC150 MICROSEMI-LC150 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC150 NJSEMI-LC150 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Teledyne Technologies I...
LC1501 TELEDYNE-LC1501 Datasheet
132Kb / 1P
   50 TO 1500 MHz TO-8 CASCADABLE LC1501 SIGNAL LIMITER
More results

Similar Description - LC1502

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
LC1501 TELEDYNE-LC1501 Datasheet
132Kb / 1P
   50 TO 1500 MHz TO-8 CASCADABLE LC1501 SIGNAL LIMITER
AC1529 TELEDYNE-AC1529 Datasheet
163Kb / 2P
   10 TO 1500 MHz 10 TO 1500 MHz
logo
List of Unclassifed Man...
AC1582 ETC-AC1582 Datasheet
80Kb / 1P
   5 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC1508 TELEDYNE-AC1508 Datasheet
177Kb / 2P
   10 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
AC1526 TELEDYNE-AC1526 Datasheet
161Kb / 2P
   10 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
AC1527 TELEDYNE-AC1527 Datasheet
162Kb / 2P
   10 TO 1500 MHz TO-8 CASCADABLE AMPLIFIERS
logo
List of Unclassifed Man...
AC1508 ETC1-AC1508 Datasheet
114Kb / 2P
   10 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC1523 TELEDYNE-AC1523 Datasheet
179Kb / 2P
   5 TO 1500 MHz TO-8 CASCADABLE AMPLIFIERS
AC1569 TELEDYNE-AC1569 Datasheet
162Kb / 2P
   10 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
AC1525 TELEDYNE-AC1525 Datasheet
179Kb / 2P
   5 TO 1500 MHz TO-8 CASCADABLE AMPLIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com