Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7531IY Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL7531IY
Description  Monolithic 1A Step-Down Regulator with Low Quiescent Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7531IY Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL7531IY Datasheet HTML 2Page - Intersil Corporation EL7531IY Datasheet HTML 3Page - Intersil Corporation EL7531IY Datasheet HTML 4Page - Intersil Corporation EL7531IY Datasheet HTML 5Page - Intersil Corporation EL7531IY Datasheet HTML 6Page - Intersil Corporation EL7531IY Datasheet HTML 7Page - Intersil Corporation EL7531IY Datasheet HTML 8Page - Intersil Corporation EL7531IY Datasheet HTML 9Page - Intersil Corporation EL7531IY Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN7428.6
August 5, 2005
Forced PWM Mode/SYNC Input
Pulling the SYNC pin HI (>2.5V) forces the converter into
PWM mode in the next switching cycle regardless of output
current. The duration of the transition varies depending on
the output current. Figures 22 and 23 (under two different
loading conditions) show the device goes from PFM to PWM
mode
Start-Up and Shut-Down
When the EN pin is tied to VIN, and VIN reaches
approximately 2.4V, the regulator begins to switch. The
inductor current limit is gradually increased to ensure proper
soft-start operation.
When the EN pin is connected to a logic low, the EL7531 is
in the shut-down mode. All the control circuitry and both
MOSFETs are off, and VOUT falls to zero. In this mode, the
total input current is less than 1µA.
When the EN reaches logic HI, the regulator repeats the
start-up procedure, including the soft-start function.
Current Limit and Short-Circuit Protection
The current limit is set at about 2A for the PMOS. When a
short-circuit occurs in the load, the preset current limit
restricts the amount of current available to the output, which
causes the output voltage to drop below the preset voltage.
In the meantime, the excessive current heats up the
regulator until it reaches the thermal shut-down point.
Thermal Shut-Down
Once the junction reaches about 145°C, the regulator shuts
down. Both the P channel and the N channel MOSFETs turn
off. The output voltage will drop to zero. With the output
MOSFETs turned off, the regulator will soon cool down.
Once the junction temperature drops to about 130°C, the
regulator will restart again in the same manner as EN pin
connects to logic HI.
Thermal Performance
The EL7531 is available in a fused-lead MSOP10 package.
Compared with regular MSOP10 package, the fused- lead
package provides lower thermal resistance. The
θJA is
100°C/W on a 4-layer board and 125°C/W on 2-layer board.
Maximizing the copper area around the pins will further
improve the thermal performance.
Output Voltage Selection
Users can set the output voltage of the variable version with
a resister divider, which can be chosen based on the
following formula:
Component Selection
Because of the fixed internal compensation, the component
choice is relatively narrow. For a regulator with fixed output
voltage, only two capacitors and one inductor are required.
We recommend 10µf to 22µF multi-layer ceramic capacitors
with X5R or X7R rating for both the input and output
capacitors, and 1.5 to 2.2µH for the inductor.
The RMS current present at the input capacitor is decided by
the following formula:
This is about half of the output current IO for all the VO. This
input capacitor must be able to handle this current.
The inductor peak-to-peak ripple current is given as:
L is the inductance
fS the switching frequency (nominally 1.4MHz)
The inductor must be able to handle IO for the RMS load
current, and to assure that the inductor is reliable, it must
handle the 2A surge current that can occur during a current
limit condition.
Layout Considerations
The layout is very important for the converter to function
properly. The following PC layout guidelines should be
followed:
1. Separate the Power Ground ( ) and Signal Ground
(
); connect them only at one point right at the pins
2. Place the input capacitor as close to VIN and PGND pins
as possible
3. Make the following PC traces as small as possible:
4. from LX pin to L
5. from CO to PGND
6. If used, connect the trace from the FB pin to R1 and R2
as close as possible
7. Maximize the copper area around the PGND pin
8. Place several via holes under the chip to additional
ground plane to improve heat dissipation
The demo board is a good example of layout based on this
outline. Please refer to the EL7531 Application Brief.
VO
0.8
1
R2
R1
-------
+



×
=
IINRMS
VO VIN VO
()
×
VIN
----------------------------------------------- IO
×
=
∆I
IL
VIN
(
VO) VO
×
LVIN fS
×
×
--------------------------------------------
=
EL7531


Similar Part No. - EL7531IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7531IY INTERSIL-EL7531IY Datasheet
344Kb / 11P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
EL7531IY-T13 INTERSIL-EL7531IY-T13 Datasheet
344Kb / 11P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
EL7531IY-T7 INTERSIL-EL7531IY-T7 Datasheet
344Kb / 11P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
EL7531IYZ INTERSIL-EL7531IYZ Datasheet
344Kb / 11P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531IYZ RENESAS-EL7531IYZ Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
More results

Similar Description - EL7531IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7531 INTERSIL-EL7531_06 Datasheet
344Kb / 11P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
ISL97536 INTERSIL-ISL97536_07 Datasheet
230Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL97536 RENESAS-ISL97536 Datasheet
499Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL97536 INTERSIL-ISL97536 Datasheet
258Kb / 9P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531 RENESAS-EL7531 Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530 RENESAS-EL7530 Datasheet
638Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com