Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8102 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL8102
Description  500MHz Rail-to-Rail Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8102 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL8102 Datasheet HTML 4Page - Intersil Corporation EL8102 Datasheet HTML 5Page - Intersil Corporation EL8102 Datasheet HTML 6Page - Intersil Corporation EL8102 Datasheet HTML 7Page - Intersil Corporation EL8102 Datasheet HTML 8Page - Intersil Corporation EL8102 Datasheet HTML 9Page - Intersil Corporation EL8102 Datasheet HTML 10Page - Intersil Corporation EL8102 Datasheet HTML 11Page - Intersil Corporation EL8102 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Description of Operation and Application
Information
Product Description
The EL8102, EL8103 are wide bandwidth, single supply, low
power and rail-to-rail output voltage feedback operational
amplifiers. Both amplifiers are internally compensated for
closed loop gain of +1 of greater. Connected in voltage
follower mode and driving a 1k
Ω load, the EL8102, EL8103
have a -3dB bandwidth of 500MHz. Driving a 150
Ω load, the
bandwidth is about 350MHz while maintaining a 600V/us
slew rate. The EL8102 is available with a power down pin to
reduce power to 30µA typically while the amplifier is
disabled.
Input, Output and Supply Voltage Range
The EL8102, EL8103 have been designed to operate with a
single supply voltage from 3V to 5.0V. Split supplies can also
be used as long as their total voltage is within 3V to 5.0V.
The amplifiers have an input common mode voltage range
from 0.15V below the negative supply (VS- pin) to within
1.5V of the positive supply (VS+ pin). If the input signal is
outside the above specified range, it will cause the output
signal to be distorted.
The output of the EL8102, EL8103 can swing rail to rail. As
the load resistance becomes lower, the ability to drive close
to each rail is reduced. For the load resistor 1k
Ω, the output
swing is about 4.9V at a 5V supply. For the load resistor
150
Ω, the output swing is about 4.6V.
Choice of Feedback Resistor and Gain Bandwidth
Product
For applications that require a gain of +1, no feedback
resistor is required. Just short the output pin to the inverting
input pin. For gains greater than +1, the feedback resistor
forms a pole with the parasitic capacitance at the inverting
input. As this pole becomes smaller, the amplifier’s phase
margin is reduced. This causes ringing in the time domain
and peaking in the frequency domain. Therefore, RF has
some maximum value that should not be exceeded for
optimum performance. If a large value of RF must be used, a
small capacitor in the few pF range in parallel with RF can
help to reduce the ringing and peaking at the expense of
reducing the bandwidth.
As far as the output stage of the amplifier is concerned, the
output stage is also a gain stage with the load. RF and RG
appear in parallel with RL for gains other than +1. As this
combination gets smaller, the bandwidth falls off.
Consequently, RF also has a minimum value that should not
be exceeded for optimum performance. For gain of +1, RF=0
is optimum. For the gains other than +1, optimum response
is obtained with RF between 300Ω to 1kΩ.
The EL8102, EL8103 have a gain bandwidth product of
200MHz. For gains
≥5, its bandwidth can be predicted by the
following equation:
Video Performance
For good video performance, an amplifier is required to
maintain the same output impedance and the same
frequency response as DC levels are changed at the output.
This is especially difficult when driving a standard video load
of 150
Ω, because the change in output current with DC level.
Special circuitry has been incorporated in the EL8102,
EL8103 to reduce the variation of the output impedance with
the current output. This results in dG and dP specifications
of 0.01% and 0.01
°, while driving 150Ω at a gain of 2. Driving
high impedance loads would give a similar or better dG and
dP performance.
Driving Capacitive Loads and Cables
The EL8102, EL8103 can drive 10pF loads in parallel with
1k
Ω with less than 5dB of peaking at gain of +1. If less
peaking is desired in applications, a small series resistor
(usually between 5
Ω to 50Ω) can be placed in series with the
FIGURE 29. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
1
0.9
0.8
0.6
0.4
0.1
0
025
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
625mW
SO8
θ
JA=160°C/W
SOT23-5/6
θ
JA=256°C/W
391mW
Gain
BW
×
200MHz
=
EL8102, EL8103


Similar Part No. - EL8102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8102 INTERSIL-EL8102 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102 RENESAS-EL8102 Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8102IS INTERSIL-EL8102IS Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8102IS INTERSIL-EL8102IS Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
739Kb / 16P
   500MHz Rail-to-Rail Amplifiers
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102 RENESAS-EL8102 Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com