Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1847H55031+P Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MKP1847H55031+P
Description  THB AC Filtering Metalized Polypropylene Film Capacitor Radial Type 85 °C / 85 % RH 1000 h at UNAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847H55031+P Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MKP1847H55031+P Datasheet HTML 5Page - Vishay Siliconix MKP1847H55031+P Datasheet HTML 6Page - Vishay Siliconix MKP1847H55031+P Datasheet HTML 7Page - Vishay Siliconix MKP1847H55031+P Datasheet HTML 8Page - Vishay Siliconix MKP1847H55031+P Datasheet HTML 9Page - Vishay Siliconix MKP1847H55031+P Datasheet HTML 10Page - Vishay Siliconix MKP1847H55031+P Datasheet HTML 11Page - Vishay Siliconix MKP1847H55031+P Datasheet HTML 12Page - Vishay Siliconix MKP1847H55031+P Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MKP1847H AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 16-Mar-17
9
Document Number: 26067
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Maximum RMS current as function of frequency
Tamb  85 °C; Un = 350 VAC
Maximum RMS current as function of frequency
Tamb  85 °C; Un = 480 VAC
POWER DISSIPATION AND MAXIMUM COMPONENT TEMPERATURE RISE
The power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function
of the free air ambient temperature.
The component temperature rise (
T) can be measured or calculated by T = P/G:
T = component temperature rise (°C) with a maximum of 15 °C
• P = power dissipation of the component (mW)
• G = heat conductivity of the component (mW/°C)
MEASURING THE COMPONENT TEMPERATURE
The case temperature is measured in unloaded condition (Tamb) and loaded condition (TC).
The temperature rise is given by
T = T
C - Tamb.
To avoid thermal radiation or convection, the capacitor must be tested in a closed area from air circulation.
10
100
1000
10000
0.1
1
10
100
10
100
1000
10 000
100 000
Axis Title
f (Hz)
2nd line
1 μF
22 μF
10 μF
10
100
1000
10000
0.1
1
10
100
10
100
1000
10 000
100 000
Axis Title
f (Hz)
2nd line
2 μF
7 μF
HEAT CONDUCTIVITY
DIMENSION (mm)
HEAT CONDUCTIVITY
(mW/°C)
wh
l
13.0
23.0
32.0
22
15.0
25.0
32.0
25
18.0
28.0
32.0
30
21.0
31.0
32.0
35
22.0
38.0
32.0
41
21.5
38.5
42.0
52
30.0
45.0
42.0
70
30.0
45.0
57.5
86
35.0
50.0
57.5
100
Thermocouple


Similar Part No. - MKP1847H55031+P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847H52025JK2 VISHAY-MKP1847H52025JK2 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JK3 VISHAY-MKP1847H52025JK3 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JK5 VISHAY-MKP1847H52025JK5 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JP2 VISHAY-MKP1847H52025JP2 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JP3 VISHAY-MKP1847H52025JP3 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
More results

Similar Description - MKP1847H55031+P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
   AC Filtering Metalized Polypropylene Film Capacitor Radial Type
MKP1847AC VISHAY-MKP1847AC Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
logo
Cornell Dubilier Electr...
BLH107K701C134 CDE-BLH107K701C134 Datasheet
692Kb / 9P
   85 °C / 85% RH , 1500h @ Vr, AEC-Q200 Qualified
logo
Exxelia Group
SNAPSIC EXXELIA-SNAPSIC Datasheet
621Kb / 13P
   10 000 h / 85°C
Revision 01/19
FELSIC039 EXXELIA-FELSIC039 Datasheet
684Kb / 13P
   32 000 h / 85°C
Revision 01/19
FELSIC85M EXXELIA-FELSIC85M Datasheet
674Kb / 14P
   15 000 h / 85°C
Revision 01/19
SICALCO42 EXXELIA-SICALCO42 Datasheet
660Kb / 15P
   10 000 h / 85°C
Revision 04/23
SNAPSIC4P EXXELIA-SNAPSIC4P Datasheet
627Kb / 13P
   10 000 h / 85°C
Revision 01/19
FELSICI-PLUS EXXELIA-FELSICI-PLUS Datasheet
524Kb / 11P
   10 000 h / 85°C
Revision 07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com