Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1847H56031+P Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MKP1847H56031+P
Description  THB AC Filtering Metalized Polypropylene Film Capacitor Radial Type 85 °C / 85 % RH 1000 h at UNAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847H56031+P Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MKP1847H56031+P Datasheet HTML 2Page - Vishay Siliconix MKP1847H56031+P Datasheet HTML 3Page - Vishay Siliconix MKP1847H56031+P Datasheet HTML 4Page - Vishay Siliconix MKP1847H56031+P Datasheet HTML 5Page - Vishay Siliconix MKP1847H56031+P Datasheet HTML 6Page - Vishay Siliconix MKP1847H56031+P Datasheet HTML 7Page - Vishay Siliconix MKP1847H56031+P Datasheet HTML 8Page - Vishay Siliconix MKP1847H56031+P Datasheet HTML 9Page - Vishay Siliconix MKP1847H56031+P Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MKP1847H AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 16-Mar-17
6
Document Number: 26067
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For 4 pins:
SOLDERING CONDITIONS
For general soldering conditions and wave soldering profile we refer to the document “Characteristics and Definitions Used for
Film Capacitors”: www.vishay.com/doc?26033.
STORAGE TEMPERATURE
Tstg = -25 °C to +35 °C with relative humidity of maximum 75 % without condensation
RATINGS AND CHARACTERISTICS REFERENCE CONDITIONS
Unless otherwise specified, all electrical values apply to an ambient temperature of 23 °C ± 1 °C, an atmospheric pressure of
86 kPa to 106 kPa and a relative humidity of 50 % ± 2 %.
For reference testing, a conditioning period shall be applied over 96 h ± 4 h by heating the products in a circulating air oven at
the rated temperature and a relative humidity not exceeding 20 %.
DIMENSIONS in millimeters
P1
Lmax.
Wmax.
Ø D
H
37.5
I + 1.5
w + 1.8
1.5
h + 0.7
52.5
I + 1.8
w + 2.0
1.7
h + 1.0
W
max.
L
max.
P1
P2
Ø D


Similar Part No. - MKP1847H56031+P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847H52025JK2 VISHAY-MKP1847H52025JK2 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JK3 VISHAY-MKP1847H52025JK3 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JK5 VISHAY-MKP1847H52025JK5 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JP2 VISHAY-MKP1847H52025JP2 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JP3 VISHAY-MKP1847H52025JP3 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
More results

Similar Description - MKP1847H56031+P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
   AC Filtering Metalized Polypropylene Film Capacitor Radial Type
MKP1847AC VISHAY-MKP1847AC Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
logo
Cornell Dubilier Electr...
BLH107K701C134 CDE-BLH107K701C134 Datasheet
692Kb / 9P
   85 °C / 85% RH , 1500h @ Vr, AEC-Q200 Qualified
logo
Exxelia Group
SNAPSIC EXXELIA-SNAPSIC Datasheet
621Kb / 13P
   10 000 h / 85°C
Revision 01/19
FELSIC039 EXXELIA-FELSIC039 Datasheet
684Kb / 13P
   32 000 h / 85°C
Revision 01/19
FELSIC85M EXXELIA-FELSIC85M Datasheet
674Kb / 14P
   15 000 h / 85°C
Revision 01/19
SICALCO42 EXXELIA-SICALCO42 Datasheet
660Kb / 15P
   10 000 h / 85°C
Revision 04/23
SNAPSIC4P EXXELIA-SNAPSIC4P Datasheet
627Kb / 13P
   10 000 h / 85°C
Revision 01/19
FELSICI-PLUS EXXELIA-FELSICI-PLUS Datasheet
524Kb / 11P
   10 000 h / 85°C
Revision 07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com