Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1847H57031+P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKP1847H57031+P
Description  THB AC Filtering Metalized Polypropylene Film Capacitor Radial Type 85 °C / 85 % RH 1000 h at UNAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847H57031+P Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP1847H57031+P Datasheet HTML 1Page - Vishay Siliconix MKP1847H57031+P Datasheet HTML 2Page - Vishay Siliconix MKP1847H57031+P Datasheet HTML 3Page - Vishay Siliconix MKP1847H57031+P Datasheet HTML 4Page - Vishay Siliconix MKP1847H57031+P Datasheet HTML 5Page - Vishay Siliconix MKP1847H57031+P Datasheet HTML 6Page - Vishay Siliconix MKP1847H57031+P Datasheet HTML 7Page - Vishay Siliconix MKP1847H57031+P Datasheet HTML 8Page - Vishay Siliconix MKP1847H57031+P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MKP1847H AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 16-Mar-17
3
Document Number: 26067
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Rated voltage pulse slope (dU/dt)R at voltage UNDC
(2) Maximum RMS current at 10 kHz, +85 °C, capacitance tolerance specified
(3) Equivalent series resistance typical values at f = 10 kHz
(4) Maximum tan
 values
(5) Change the “*” symbol with special code for the terminals and “+” for tolerance
ELECTRICAL DATA AND ORDERING CODE
UNAC
(V)
CAP.
(μF)
DIMENSION
(mm)
P1
(mm)
P2
(mm)
(dU/dt)R (1)
(V/μs)
IPEAK
(A)
IRMS (2)
(A)
ESR (3)
10 kHz
(m
)
tan
(4)
10 kHz
< (x 10-4)
ORDERING CODE (5)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS
250
UOPAC AT 85 °C = 250 VAC, UOPAC AT 105 °C = 175 VAC, C-TOL. = ± 10 % (UNDC = 500 V)
1
13.0 23.0 32.0
27.5
-
50
50
3
-
29.5
-
30
-
MKP1847H51025+K2
2
15.0 25.0 32.0
27.5
-
50
100
4.5
-
15
-
30
-
MKP1847H52025+K2
3
18.0 28.0 32.0
27.5
-
50
150
6.5
-
10
-
30
-
MKP1847H53025+K2
4
21.0 31.0 32.0
27.5
-
50
200
8
-
7.5
-
30
-
MKP1847H54025+K2
5
21.0 31.0 32.0
27.5
-
50
250
9
-
6
-
30
-
MKP1847H55025+K2
6
22.0 38.0 32.0
27.5
-
50
300
10.5
-
5
-
30
-
MKP1847H56025+K2
7
22.0 38.0 32.0
27.5
-
50
350
11.5
-
4.5
-
30
-
MKP1847H57025+K2
8
22.0 38.0 32.0
27.5
-
50
400
12
-
4
-
30
-
MKP1847H58025+K2
10
21.5 38.5 42.0
37.5
10.2
25
250
9.5
11
7.5
6.5
70
65
MKP1847H61025+P*
12
30.0 45.0 42.0
37.5
10.2 / 20.3
25
300
12.5
13.5
6
5.5
70
65
MKP1847H61225+P*
15
30.0 45.0 42.0
37.5
10.2 / 20.3
25
375
14
15
5
4.5
70
65
MKP1847H61525+P*
20
30.0 45.0 42.0
37.5
10.2 / 20.3
25
500
16
17.5
3.5
3
70
65
MKP1847H62025+P*
22
30.0 45.0 57.5
52.5
20.3
12
264
13
14.5
7
6
135
120
MKP1847H62225+Y*
25
30.0 45.0 57.5
52.5
20.3
12
300
14
15.5
6
5.5
135
120
MKP1847H62525+Y*
30
35.0 50.0 57.5
52.5
20.3
12
360
16.5
18
5
4.5
135
120
MKP1847H63025+Y*
35
35.0 50.0 57.5
52.5
20.3
12
420
18
19.5
4.5
3.5
135
120
MKP1847H63525+Y*
310
UOPAC AT 85 °C = 310 VAC, UOPAC AT 105 °C = 210 VAC, C-TOL. = ± 10 % (UNDC = 630 V)
1
13.0 23.0 32.0
27.5
-
65
65
4
-
19
-
25
-
MKP1847H51031+K2
2
18.0 28.0 32.0
27.5
-
65
130
6.5
-
9.5
-
25
-
MKP1847H52031+K2
3
21.0 31.0 32.0
27.5
-
65
195
8.5
-
6.5
-
25
-
MKP1847H53031+K2
4
22.0 38.0 32.0
27.5
-
65
260
11
-
5
-
25
-
MKP1847H54031+K2
5
21.5 38.5 42.0
37.5
10.2
35
175
9
10
8.5
7.5
50
45
MKP1847H55031+P*
6
21.5 38.5 42.0
37.5
10.2
35
210
10
11
7
6
50
45
MKP1847H56031+P*
7
30.0 45.0 42.0
37.5
10.2 / 20.3
35
245
12.5
14
6
5.5
50
45
MKP1847H57031+P*
8
30.0 45.0 42.0
37.5
10.2 / 20.3
35
280
13.5
14.5
5
4.5
50
45
MKP1847H58031+P*
10
30.0 45.0 42.0
37.5
10.2 / 20.3
35
350
15
16.5
4
3.5
50
45
MKP1847H61031+P*
12
30.0 45.0 57.5
52.5
20.3
15
180
13
14.5
7
6
100
85
MKP1847H61231+P*
15
30.0 45.0 57.5
52.5
20.3
15
225
14.5
16
5.5
5
100
85
MKP1847H61531+Y*
20
35.0 50.0 57.5
52.5
20.3
15
300
18
19.5
4
3.5
100
85
MKP1847H62031+Y*
22
35.0 50.0 57.5
52.5
20.3
15
330
19
20.5
4
3.5
100
85
MKP1847H62231+Y*
350
UOPAC AT 85 °C = 350 VAC, UOPAC AT 105 °C = 240 VAC, C-TOL. = ± 10 % (UNDC = 700 V)
1
15.0 25.0 32.0
27.5
-
80
80
4.5
-
20.5
-
20
-
MKP1847H51035+K2
2
18.0 28.0 32.0
27.5
-
80
160
7
-
10.5
-
20
-
MKP1847H52035+K2
3
21.0 31.0 32.0
27.5
-
80
240
9
-
7
-
20
-
MKP1847H53035+K2
4
22.0 38.0 32.0
27.5
-
80
320
11.5
-
5.5
-
20
-
MKP1847H54035+K2
5
21.5 38.5 42.0
37.5
10.2
50
250
10.5
11
7.5
7.5
40
35
MKP1847H55035+P*
6
21.5 38.5 42.0
37.5
10.2
50
300
11.5
12.5
6.5
6
40
35
MKP1847H56035+P*
7
30.0 45.0 42.0
37.5
10.2 / 20.3
50
350
14
15
6
5.5
40
35
MKP1847H57035+P*
8
30.0 45.0 42.0
37.5
10.2 / 20.3
50
400
15.5
16.5
5
4.5
40
35
MKP1847H58035+P*
10
30.0 45.0 42.0
37.5
10.2 / 20.3
50
500
17
19
4
3.5
40
35
MKP1847H61035+P*
12
30.0 45.0 57.5
52.5
20.3
25
300
15.5
16
6
6
80
70
MKP1847H61235+Y*
15
30.0 45.0 57.5
52.5
20.3
25
375
17
18.5
5
4.5
80
70
MKP1847H61535+Y*
20
35.0 50.0 57.5
52.5
20.3
25
500
21
23
4
3.5
80
70
MKP1847H62035+Y*
22
35.0 50.0 57.5
52.5
20.3
25
550
22.5
24.5
3.5
3
80
70
MKP1847H62235+Y*
480
UOPAC AT 85 °C = 480 VAC, UOPAC AT 105 °C = 330 VAC, C-TOL. = ± 10 % (UNDC = 1000 V)
2
21.5 38.5 42.0
37.5
10.2
80
160
9
10
9.5
9
20
15
MKP1847H52048+P*
3
30.0 45.0 42.0
37.5
10.2 / 20.3
80
240
13.5
14
6.5
6
20
15
MKP1847H53048+P*
4
30.0 45.0 57.5
52.5
20.3
80
320
12.5
13
9
8
40
35
MKP1847H54048+Y*
5
30.0 45.0 57.5
52.5
20.3
35
175
14.0
14.5
7.5
6.5
40
35
MKP1847H55048+Y*
6
35.0 50.0 57.5
52.5
20.3
35
210
16.5
17.5
6.5
6
40
35
MKP1847H56048+Y*
7
35.0 50.0 57.5
52.5
20.3
35
245
18.0
18.5
5.5
5
40
35
MKP1847H57048+Y*


Similar Part No. - MKP1847H57031+P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847H52025JK2 VISHAY-MKP1847H52025JK2 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JK3 VISHAY-MKP1847H52025JK3 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JK5 VISHAY-MKP1847H52025JK5 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JP2 VISHAY-MKP1847H52025JP2 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H52025JP3 VISHAY-MKP1847H52025JP3 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
More results

Similar Description - MKP1847H57031+P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
   AC Filtering Metalized Polypropylene Film Capacitor Radial Type
MKP1847AC VISHAY-MKP1847AC Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
logo
Cornell Dubilier Electr...
BLH107K701C134 CDE-BLH107K701C134 Datasheet
692Kb / 9P
   85 °C / 85% RH , 1500h @ Vr, AEC-Q200 Qualified
logo
Exxelia Group
SNAPSIC EXXELIA-SNAPSIC Datasheet
621Kb / 13P
   10 000 h / 85°C
Revision 01/19
FELSIC039 EXXELIA-FELSIC039 Datasheet
684Kb / 13P
   32 000 h / 85°C
Revision 01/19
FELSIC85M EXXELIA-FELSIC85M Datasheet
674Kb / 14P
   15 000 h / 85°C
Revision 01/19
SICALCO42 EXXELIA-SICALCO42 Datasheet
660Kb / 15P
   10 000 h / 85°C
Revision 04/23
SNAPSIC4P EXXELIA-SNAPSIC4P Datasheet
627Kb / 13P
   10 000 h / 85°C
Revision 01/19
FELSICI-PLUS EXXELIA-FELSICI-PLUS Datasheet
524Kb / 11P
   10 000 h / 85°C
Revision 07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com