Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1847H62231+Y Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKP1847H62231+Y
Description  THB AC Filtering Metalized Polypropylene Film Capacitor Radial Type 85 °C / 85 % RH 1000 h at UNAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847H62231+Y Datasheet(HTML) 1 Page - Vishay Siliconix

  MKP1847H62231+Y Datasheet HTML 1Page - Vishay Siliconix MKP1847H62231+Y Datasheet HTML 2Page - Vishay Siliconix MKP1847H62231+Y Datasheet HTML 3Page - Vishay Siliconix MKP1847H62231+Y Datasheet HTML 4Page - Vishay Siliconix MKP1847H62231+Y Datasheet HTML 5Page - Vishay Siliconix MKP1847H62231+Y Datasheet HTML 6Page - Vishay Siliconix MKP1847H62231+Y Datasheet HTML 7Page - Vishay Siliconix MKP1847H62231+Y Datasheet HTML 8Page - Vishay Siliconix MKP1847H62231+Y Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MKP1847H AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 16-Mar-17
1
Document Number: 26067
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THB AC Filtering Metalized Polypropylene Film Capacitor
Radial Type 85 °C / 85 % RH 1000 h at UNAC
FEATURES
• High robustness under high humidity
• THB 85 °C, 85 % RH, 1000 h at rated UNAC
• UL 810 (electrical pending)
• Segmented film
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Outdoor applications
• UPS systems
• Renewable energy
• AC harmonic filter
• Welding equipment
Notes
•For more detailed data and test requirements, contact dc-film@vishay.com
• For general information like characteristics and definitions used for film capacitors follow the link: www.vishay.com/doc?28147
(1) See document “Voltage Proof Test for Metalized Capacitors” (www.vishay.com/doc?28169)
(2) Statements about life time are based on calculations which are based on internal tests. They have to be understood exclusively as
estimations. Also due to external factors, the life time in the field application may deviate from the calculated life time.
QUICK REFERENCE DATA
Rated capacitance range
1 μF to 35 μF
Capacitance tolerance
± 10 %, ± 5 %
Maximum continuous AC voltage (50 Hz / 60 Hz) range, UNAC
250 VAC, 310 VAC, 350 VAC, 480 VAC
Climatic testing class
40 / 105 / 56 B
Rated temperature
85 °C
Maximum permissible case temperature
105 °C
Reference standards
IEC 61071, IEC 60068, UL 810
Dielectric
Polypropylene film
Electrodes
Metallized dielectric film
Construction
Mono construction
 310 V
AC <
Series construction
Encapsulation
Plastic case sealed with resin; flame retardant
Terminals
Tinned wire
Self inductance (LS)
< 1 nH per mm of lead spacing
Withstanding DC voltage between terminals (1)
1.5 UNDC for 10 s, cut off current 10 mA, rise time  1000 V/s
Insulation resistance
RC between leads, after 1 min > 10 000 s, measuring voltage: 500 V
Life time expectancy (2)
FIT: < 10 x 10-9/h (10 per 109 component hours) at 0.5 x UN, 40 °C
Marking
C-value, tolerance, rated voltage, code for dielectric material,
code for manufacturing origin, manufacturer’s type designation,
manufacturer location, year and week, manufacturer’s logo or name
AC VOLTAGE RATINGS (VRMS)
UNAC
250 V
310 V
350 V
480 V
UOPAC at 85 °C
250 V
310 V
350 V
480 V
UOPAC at 105 °C
175 V
210 V
240 V
330 V


Similar Part No. - MKP1847H62231+Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847H62025JK2 VISHAY-MKP1847H62025JK2 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H62025JK3 VISHAY-MKP1847H62025JK3 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H62025JK5 VISHAY-MKP1847H62025JK5 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H62025JP2 VISHAY-MKP1847H62025JP2 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847H62025JP3 VISHAY-MKP1847H62025JP3 Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
More results

Similar Description - MKP1847H62231+Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
   AC Filtering Metalized Polypropylene Film Capacitor Radial Type
MKP1847AC VISHAY-MKP1847AC Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
logo
Cornell Dubilier Electr...
BLH107K701C134 CDE-BLH107K701C134 Datasheet
692Kb / 9P
   85 °C / 85% RH , 1500h @ Vr, AEC-Q200 Qualified
logo
Exxelia Group
SNAPSIC EXXELIA-SNAPSIC Datasheet
621Kb / 13P
   10 000 h / 85°C
Revision 01/19
FELSIC039 EXXELIA-FELSIC039 Datasheet
684Kb / 13P
   32 000 h / 85°C
Revision 01/19
FELSIC85M EXXELIA-FELSIC85M Datasheet
674Kb / 14P
   15 000 h / 85°C
Revision 01/19
SICALCO42 EXXELIA-SICALCO42 Datasheet
660Kb / 15P
   10 000 h / 85°C
Revision 04/23
SNAPSIC4P EXXELIA-SNAPSIC4P Datasheet
627Kb / 13P
   10 000 h / 85°C
Revision 01/19
FELSICI-PLUS EXXELIA-FELSICI-PLUS Datasheet
524Kb / 11P
   10 000 h / 85°C
Revision 07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com