Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8102IW-T7A Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL8102IW-T7A
Description  500MHz Rail-to-Rail Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8102IW-T7A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL8102IW-T7A Datasheet HTML 4Page - Intersil Corporation EL8102IW-T7A Datasheet HTML 5Page - Intersil Corporation EL8102IW-T7A Datasheet HTML 6Page - Intersil Corporation EL8102IW-T7A Datasheet HTML 7Page - Intersil Corporation EL8102IW-T7A Datasheet HTML 8Page - Intersil Corporation EL8102IW-T7A Datasheet HTML 9Page - Intersil Corporation EL8102IW-T7A Datasheet HTML 10Page - Intersil Corporation EL8102IW-T7A Datasheet HTML 11Page - Intersil Corporation EL8102IW-T7A Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
output to eliminate most peaking. However, this will reduce
the gain slightly. If the gain setting is greater than 1, the gain
resistor RG can then be chosen to make up for any gain loss
which may be created by the additional series resistor at the
output.
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, a back-termination series resistor at the
amplifier’s output will isolate the amplifier from the cable and
allow extensive capacitive drive. However, other applications
may have high capacitive loads without a back-termination
resistor. Again, a small series resistor at the output can help
to reduce peaking.
Disable/Power-Down
The EL8102 can be disabled and placed its output in a high
impedance state. The turn off time is about 25ns and the turn
on time is about 200ns. When disabled, the amplifier’s
supply current is reduced to 30µA typically, thereby
effectively eliminating the power consumption. The
amplifier’s power down can be controlled by standard TTL or
CMOS signal levels at the ENABLE pin. The applied logic
signal is relative to VS- pin. Letting the ENABLE pin float or
applying a signal that is less than 0.8V above VS- will enable
the amplifier. The amplifier will be disabled when the signal
at ENABLE pin is 2V above VS-.
Output Drive Capability
The EL8102, EL8103 do not have internal short circuit
protection circuitry. They have a typical short circuit current
of 80mA sourcing and 150mA sinking for the output is
connected to half way between the rails with a 10
Ω resistor.
If the output is shorted indefinitely, the power dissipation
could easily increase such that the part will be destroyed.
Maximum reliability is maintained if the output current never
exceeds ±40mA. This limit is set by the design of the internal
metal interconnections.
Power Dissipation
With the high output drive capability of the EL8102, EL8103,
It is possible to exceed the 125
°C absolute maximum
junction temperature under certain load current conditions.
Therefore, it is important to calculate the maximum junction
temperature for the application to determine if the load
conditions or package types need to be modified for the
amplifier to remain in the safe operating area.
The maximum power dissipation allowed in a package is
determined according to:
Where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
θ
JA = Thermal resistance of the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the load, or:
For sourcing:
For sinking:
Where:
VS = Total supply voltage
ISMAX = Maximum quiescent supply current
VOUT = Maximum output voltage of the application
RLOAD = Load resistance tied to ground
ILOAD = Load current
By setting the two PDMAX equations equal to each other, we
can solve the output current and RLOAD to avoid the device
overheat.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, a good printed circuit
board layout is necessary for optimum performance. Lead
lengths should be as short as possible. The power supply
pin must be well bypassed to reduce the risk of oscillation.
For normal single supply operation, where the VS- pin is
connected to the ground plane, a single 4.7µF tantalum
capacitor in parallel with a 0.1µF ceramic capacitor from VS+
to GND will suffice. This same capacitor combination should
be placed at each supply pin to ground if split supplies are to
be used. In this case, the VS- pin becomes the negative
supply rail.
For good AC performance, parasitic capacitance should be
kept to a minimum. Use of wire wound resistors should be
avoided because of their additional series inductance. Use
of sockets should also be avoided if possible. Sockets add
parasitic inductance and capacitance that can result in
compromised performance. Minimizing parasitic capacitance
at the amplifier’s inverting input pin is very important. The
feedback resistor should be placed very close to the
inverting input pin. Strip line design techniques are
recommended for the signal traces.
PD
MAX
T
JMAX
T
AMAX
θ
JA
---------------------------------------------
=
PD
MAX
V
S
I
SMAX
V
S
V
OUT
()
V
OUT
R
L
----------------
×
+
×
=
PD
MAX
V
S
I
SMAX
V
OUT
V
S
-
() I
LOAD
×
+
×
=
EL8102, EL8103


Similar Part No. - EL8102IW-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8102IW-T7A INTERSIL-EL8102IW-T7A Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8102IW-T7A INTERSIL-EL8102IW-T7A Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102IW-T7A RENESAS-EL8102IW-T7A Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8102IW-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
739Kb / 16P
   500MHz Rail-to-Rail Amplifiers
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102 RENESAS-EL8102 Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com