Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1P6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ESDA6V1P6
Description  QUAD TRANSIL??ARRAY FOR ESD PROTECTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1P6 Datasheet(HTML) 7 Page - STMicroelectronics

  ESDA6V1P6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 5Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 6Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 7Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ESDA6V1P6
7/8
3. PCB layout recommendations
As ESD is a fast event, the di/dt caused by this surge is about 30A/ns (risetime=1ns, Ipeak=30A), that
means each nH causes an overvoltage of 30V.
Thus, the circuit board layout is a critical design step in the suppression of ESD induced transients by
reducing parasitic inductances. To ensure that, the following guidelines are recommended :
s
The ESDA6V1P6 should be placed as close as possible to the input terminals or connectors.
s
The path length between the ESD suppressor and the protected line should be minimized.
s
All conductive loops, including power and ground loops should be minimized.
s
The ESD transient return path to ground should be kept as short as possible.
s
The connections from the ground pins to the ground plane should be the shortest possible.
4. Comparison with varistors
Varistors
TRANSIL™
Leakage current
--
+++
Protection efficiency
--
++
Ageing
--
++
Low leakage current for Transil™ device
s
Improve the autonomy of portable equipments as mobile
Better efficiency in terms of ESD protection by using Transil™ device
s
Varistors are bidirectional devices and so are not suitable to protect sensitive ICs, because they will be
submitted to high voltages in the negative way.
s
Ratio VCL/VBR lower for Transil™ device
s
Less dispersion in terms of VBR
No ageing phenomena regarding ESD events with Transil™ device
s
Higher efficiency in terms of ESD protection
ESDA 6V1 P6
ESD ARRAY
V
min
BR
PACKAGE: SOT-666
ORDER CODE
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
ESDA6V1P6
B
SOT-666
2.9 mg.
3000
Tape & reel


Similar Part No. - ESDA6V1P6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
112Kb / 8P
   Transil??array for ESD protection
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
116Kb / 8P
   Transil array for ESD protection
More results

Similar Description - ESDA6V1P6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
   QUAD TRANSIL??ARRAY FOR ESD PROTECTION
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
145Kb / 9P
   QUAD TRANSIL??ARRAY FOR ESD PROTECTION
ESDA5V3SC5 STMICROELECTRONICS-ESDA5V3SC5_07 Datasheet
153Kb / 11P
   Quad Transil array for ESD protection
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
   QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
ESDAXXSC5 STMICROELECTRONICS-ESDAXXSC5 Datasheet
69Kb / 7P
   QUAD TRANSIL ARRAY FOR ESD PROTECTION
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
   Quad bidirectional Transil array for ESD protection
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
   QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
   Automotive quad Transil??array for ESD protection
September 2012 Rev 1
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
   Quad low capacitance Transil array for ESD protection
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
   TRANSIL ARRAY FOR ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com