Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5364IU Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5364IU
Description  600MHz Current Feedback Amplifiers with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5364IU Datasheet(HTML) 4 Page - Intersil Corporation

  EL5364IU Datasheet HTML 1Page - Intersil Corporation EL5364IU Datasheet HTML 2Page - Intersil Corporation EL5364IU Datasheet HTML 3Page - Intersil Corporation EL5364IU Datasheet HTML 4Page - Intersil Corporation EL5364IU Datasheet HTML 5Page - Intersil Corporation EL5364IU Datasheet HTML 6Page - Intersil Corporation EL5364IU Datasheet HTML 7Page - Intersil Corporation EL5364IU Datasheet HTML 8Page - Intersil Corporation EL5364IU Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
OUTPUT CHARACTERISTICS
VO
Output Voltage Swing
RL = 150Ω to GND
±3.6
±3.8
±4.0
V
RL = 1kΩ to GND
±3.9
±4.1
±4.2
V
IOUT
Output Current
RL =10Ω to GND
100
140
190
mA
SUPPLY
ISON
Supply Current - Enabled
No load, VIN = 0V
3.2
3.5
4.2
mA
ISOFF+
Supply Current - Disabled, per Amplifier
0
+75
µA
ISOFF-
Supply Current - Disabled, per Amplifier
No load, VIN = 0V
-75
-14
0
µA
PSRR
Power Supply Rejection Ratio
DC, VS = ±4.75V to ±5.25V
65
79
dB
-IPSR
- Input Current Power Supply Rejection
DC, VS = ±4.75V to ±5.25V
-1
0.1
+1
µA/V
ENABLE (EL5164 ONLY)
tEN
Enable Time
200
ns
tDIS
Disable Time
800
ns
IIHCE
CE Pin Input High Current
CE = VS+1
10
+25
µA
IILCE
CE Pin Input Low Current
CE = (VS+) -5V
-1
0
+1
µA
VIHCE
CE Input High Voltage for Power-down
VS+ - 1
V
VILCE
CE Input Low Voltage for Power-down
VS+ - 3
V
NOTE:
1. Standard NTSC test, AC signal amplitude = 286mVP-P, f = 3.58MHz
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 750Ω for AV = 1, RF = 375Ω for AV = 2, RL = 150Ω, VENABLE = VS+ - 1V,
TA = 25°C unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL5164, EL5165, EL5364


Similar Part No. - EL5364IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5364IU INTERSIL-EL5364IU Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5364IU INTERSIL-EL5364IU Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5364IU-T13 INTERSIL-EL5364IU-T13 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5364IU-T13 INTERSIL-EL5364IU-T13 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5364IU-T7 INTERSIL-EL5364IU-T7 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5364IU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com