Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5364IU-T13 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5364IU-T13
Description  600MHz Current Feedback Amplifiers with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5364IU-T13 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5364IU-T13 Datasheet HTML 4Page - Intersil Corporation EL5364IU-T13 Datasheet HTML 5Page - Intersil Corporation EL5364IU-T13 Datasheet HTML 6Page - Intersil Corporation EL5364IU-T13 Datasheet HTML 7Page - Intersil Corporation EL5364IU-T13 Datasheet HTML 8Page - Intersil Corporation EL5364IU-T13 Datasheet HTML 9Page - Intersil Corporation EL5364IU-T13 Datasheet HTML 10Page - Intersil Corporation EL5364IU-T13 Datasheet HTML 11Page - Intersil Corporation EL5364IU-T13 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
choice for driving isolation transformers in
telecommunications applications.
Driving Cables and Capacitive Loads
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, the back-termination series resistor will
decouple the EL5164, EL5165, and EL5364 from the cable
and allow extensive capacitive drive. However, other
applications may have high capacitive loads without a back-
termination resistor. In these applications, a small series
resistor (usually between 5
Ω and 50Ω) can be placed in
series with the output to eliminate most peaking. The gain
resistor (RG) can then be chosen to make up for any gain
loss which may be created by this additional resistor at the
output. In many cases it is also possible to simply increase
the value of the feedback resistor (RF) to reduce the
peaking.
Current Limiting
The EL5164, EL5165, and EL5364 have no internal current-
limiting circuitry. If the output is shorted, it is possible to
exceed the Absolute Maximum Rating for output current or
power dissipation, potentially resulting in the destruction of
the device.
Power Dissipation
With the high output drive capability of the EL5164, EL5165,
and EL5364, it is possible to exceed the 125°C Absolute
Maximum junction temperature under certain very high load
current conditions. Generally speaking when RL falls below
about 25
Ω, it is important to calculate the maximum junction
temperature (TJMAX) for the application to determine if
power supply voltages, load conditions, or package type
need to be modified for the EL5164, EL5165, and EL5364 to
remain in the safe operating area. These parameters are
calculated as follows:
where:
•TMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
• n = Number of amplifiers in the package
•PDMAX = Maximum power dissipation of each amplifier in
the package
PDMAX for each amplifier can be calculated as follows:
where:
•VS = Supply voltage
•ISMAX = Maximum supply current of 1A
•VOUTMAX = Maximum output voltage (required)
•RL = Load resistance
Typical Application Circuits
FIGURE 23. INVERTING 200mA OUTPUT CURRENT
DISTRIBUTION AMPLIFIER
FIGURE 24. FAST-SETTLING PRECISION AMPLIFIER
T
JMAX
T
MAX
θ
JA
nPD
MAX
×
×
()
+
=
PD
MAX
2
(
V
S
I
SMAX )
V
S
(
V
OUTMAX )
V
OUTMAX
R
L
----------------------------
×
+
×
×
=
IN+
IN-
VS+
VS-
OUT
IN+
IN-
VS+
VS-
OUT
0.1µF
+5V
0.1µF
-5V
375
5
5
375
375
VOUT
VIN
0.1µF
0.1µF
+5V
-5V
IN+
IN-
VS+
VS-
OUT
IN+
IN-
VS+
VS-
OUT
0.1µF
+5V
0.1µF
-5V
0.1µF
0.1µF
375
375
375
375
VOUT
VIN
+5V
-5V
EL5164, EL5165, EL5364


Similar Part No. - EL5364IU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5364IU-T13 INTERSIL-EL5364IU-T13 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5364IU-T13 INTERSIL-EL5364IU-T13 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5364IU-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com