Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5205IS-T13 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5205IS-T13
Description  700MHz Slew Enhanced VFA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5205IS-T13 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5205IS-T13 Datasheet HTML 2Page - Intersil Corporation EL5205IS-T13 Datasheet HTML 3Page - Intersil Corporation EL5205IS-T13 Datasheet HTML 4Page - Intersil Corporation EL5205IS-T13 Datasheet HTML 5Page - Intersil Corporation EL5205IS-T13 Datasheet HTML 6Page - Intersil Corporation EL5205IS-T13 Datasheet HTML 7Page - Intersil Corporation EL5205IS-T13 Datasheet HTML 8Page - Intersil Corporation EL5205IS-T13 Datasheet HTML 9Page - Intersil Corporation EL5205IS-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN7332.5
October 26, 2005
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY (-3dB BANDWIDTH)
FIGURE 2. PHASE vs FREQUENCY
FIGURE 3. 0.1dB BANDWIDTH
FIGURE 4. GAIN BANDWIDTH PRODUCT
FIGURE 5. GAIN BANDWIDTH PRODUCT vs SUPPLY
VOLTAGES
FIGURE 6. GAIN vs FREQUENCY FOR VARIOUS +AV
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
VS=±5V
AV=+1
RF=0
RL=500Ω
-3dB BW @ 925MHz
-240
-180
-120
-60
0
60
120
180
240
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VS=±5V
AV=+1
RF=0
RL=500Ω
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1
10
100
FREQUENCY (MHz)
0.1dB BW @ 39MHz
VS=±5V
AV=+1
RF=0
RL=500Ω
20
30
40
50
60
70
0
1
10
100
FREQUENCY (MHz)
VS=±5V
RL=500Ω
GAIN=40dB or 100
FREQ.=2.64MHz
GAIN BW PRODUCT=2.64x100=264MHz
50
100
150
200
250
300
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGES (±V)
VS=±5V
RL=500Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
1G
FREQUENCY (Hz)
AV=+1
RF=0
VS=±5V
RL=500Ω
AV=+5
RF=1.6k, RG=402
AV=+2
RF=RG=255Ω
EL5104, EL5105, EL5204, EL5205, EL5304


Similar Part No. - EL5205IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5205IS-T13 INTERSIL-EL5205IS-T13 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
More results

Similar Description - EL5205IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com