Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLV632-2120 Datasheet(PDF) 2 Page - SICK AG

Part # CLV632-2120
Description  BAR CODE SCANNERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLV632-2120 Datasheet(HTML) 2 Page - SICK AG

  CLV632-2120 Datasheet HTML 1Page - SICK AG CLV632-2120 Datasheet HTML 2Page - SICK AG CLV632-2120 Datasheet HTML 3Page - SICK AG CLV632-2120 Datasheet HTML 4Page - SICK AG CLV632-2120 Datasheet HTML 5Page - SICK AG CLV632-2120 Datasheet HTML 6Page - SICK AG CLV632-2120 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV632-2120 | CLV63x
BAR CODE SCANNERS
Ordering information
Type
Part no.
CLV632-2120
1041993
Other models and accessories
www.sick.com/CLV63x
Detailed technical data
Features
Version
Short Range
Connection type
Ethernet
Reading field
Side (105°)
Scanner design
Line scanner
Focus
Fixed focus
Light source
Visible red light (655 nm)
MTBF
40,000 h
Laser class
2 (EN 60825-1 (A2:2001-03), IEC 60825-1 : 2007-03, Ed. 2.0)
Aperture angle
≤ 50°
Scanning frequency
400 Hz ... 1,200 Hz
Code resolution
0.2 mm ... 0.5 mm
Reading distance
44 mm ... 256 mm 1)
Heating
Optional
1) For details see reading field diagram.
Performance
Bar code types
All current code types, Code 39, Code 128, Code 93, Codabar, GS1-128 / EAN 128, UPC /
GTIN / EAN, Interleaved 2 of 5, Pharmacode, GS1 DataBar, Telepen, MSI/Plessey
Print ratio
2:1 ... 3:1
No. of codes per scan
1 ... 20 (Standard decoder)
1 ... 6 (SMART decoder)
No. of codes per reading interval
1 ... 50 (auto-discriminating)
No. of characters per reading interval
5,000
500 (for multiplexer function in CAN operation)
No. of multiple readings
1 ... 99
Interfaces
Ethernet TCP/IP
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice


Similar Part No. - CLV632-2120

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV632-2000 SICK-CLV632-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
More results

Similar Description - CLV632-2120

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
CLV490-1011 SICK-CLV490-1011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
CLV490-3011 SICK-CLV490-3011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com